Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS110DF111 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS110DF111
Description  Low Power Multi-Rate Two Channel Retimer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS110DF111 Datasheet(HTML) 1 Page - Texas Instruments

  DS110DF111 Datasheet HTML 1Page - Texas Instruments DS110DF111 Datasheet HTML 2Page - Texas Instruments DS110DF111 Datasheet HTML 3Page - Texas Instruments DS110DF111 Datasheet HTML 4Page - Texas Instruments DS110DF111 Datasheet HTML 5Page - Texas Instruments DS110DF111 Datasheet HTML 6Page - Texas Instruments DS110DF111 Datasheet HTML 7Page - Texas Instruments DS110DF111 Datasheet HTML 8Page - Texas Instruments DS110DF111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Line Card
Switch Fabric
ASIC
FPGA
Back
Plane
QSFP
SFP
ASIC
FPGA
QSFP
SFP
Retimer with
DFE
Passive
Copper
Cable
Optical
Retimer with
DFE
10G
10G
Retimer with
DFE
Retimer with
DFE
DS110DF111
www.ti.com
SNLS461 – MAY 2013
Low Power Multi-Rate Two Channel Retimer
Check for Samples: DS110DF111
1
FEATURES
DESCRIPTION
The
DS110DF111
is
a
dual
channel
(1-lane
Pin Compatible Retimer Family
bidirectional)
retimer
with
integrated
signal
DS125DF111 with DFE : 9.8 to 12.5G
conditioning. The DS110DF111 includes an input
DS110DF111 with DFE : 8.5 to 11.3G
Continuous-Time Linear Equalizer (CTLE), clock and
data recovery (CDR) and transmit driver on each
Adaptive CTLE up to 34 dB Boost at 11.3G
channel.
Self Tuning 5-Tap DFE
The DS110DF111 with its on-chip Decision Feedback
Raw Equalized and Retimed Data Loopback
Equalizer
(DFE)
can
enhance
the
reach
and
Adjustable Transmit VOD: 600 to 1300 mVp-p
robustness of long, lossy, cross-talk-impaired high
Settable Tx De-Emphasis Driver 0 to -12dB
speed serial links to achieve BER < 1x10-15. For Less
demanding applications/interconnects, the DFE can
Low Power Consumption: 200mW/Channel
be
switched
off
and
achieve
the
same
BER
Locks to Half/Quarter/Eighth Data Rates for
performance. The DS125 and DS110 devices are pin-
Legacy Support
compatible.
On-Chip Eye Monitor (EOM), PRBS Generator
Each channel of the DS110DF111 independently
Input Signal Detection, CDR Lock
locks to serial data at data rates from 8.5 to 11.3
Detection/Indicator
Gbps or to any supported sub-rate of these data
rates. This simplifies system design and lowers
Single 3.3V or 2.5V ±5% Power Supply
overall cost.
SMBus, EEPROM, or Pin Based Configuration
Programmable transmit de-emphasis driver offers
4 mm x 4 mm, 24-Pin QFN Package
precise settings to meet the SFF-8431 template. The
Operating Temp Range: -40°C to 85°C
fully adaptive receive equalization (CTLE and DFE)
enables longer distance transmission in lossy copper
interconnect
and
backplanes
with
multiple
connectors. The CDR function is ideal for use in front
port parallel optical module applications to reset the
jitter budget and retime high speed serial data.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS110DF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110DF111 TI1-DS110DF111 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results

Similar Description - DS110DF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410 TI-DS110RT410 Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com