Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF2M-3215-1A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2M-3215-1A
Description  High-reliability rotary-lock and Superior Work Efficiency.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2M-3215-1A Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2M-3215-1A Datasheet HTML 1Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
XF2M
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
For FPC/FFC
High-reliability rotary-lock
and Superior Work Efficiency.
 Dual contact reduces the number of parts.
 Applicable FPC/FFC thickness of 0.3 mm.
 Halogen Free (*)
*
OMRON uses the following standard to determine halogen-free construction: 900 ppm
max. for Br, 900 ppm max. for Cl, and 1,500 ppm max. for Br+Cl.
RoHS compliant
■ Ratings and Specifications
■ Materials and Finish
■ Dimensions
XF2M-
@@15-1A
XF2M-
@@15-1AH
■ Ordering Information
100pcs per reel
1500pcs per reel
*1.
Please consult your OMRON representative for available pin count.
*2.
Please order by integer multiple of the quantity per reel.
Rated current
0.5 A AC/DC
Rated voltage
50 V AC/DC
Contact resistance
50 m max. (at 20 mV DC max., 100 mA max.)
Insulation resistance
100 M min. (at 250 V DC)
Dielectric strength
250 V AC for 1 min. (leakage current: 1 mA max.)
Insertion durability
20 times
Ambientoperatingtemperature
30 to 85 C (With no icing or condensation)
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/black
Contacts
Spring copper alloy/nickel substrate (2 m)
Gold-plated contacts (0.15 m)
Hold-down
Spring copper alloy/fused-tin plating (1.5 m)
Reference pin mark
(5.9)
(6.2)
*
1.35 (Effective stacking length)
*
*
*
*
5.2
(4.62)
(4.88)
*
(3.1)
2.1
(3.2)
0.6
0.92
4.9
2
A
B
FPC insertion dimension
C
D
E
X
X
0.15
0.5
PCB Dimensions (TOP VIEW)
Applicable FPC/FFC Dimensions
2.5 MIN.
(B - 0.1) ± 0.05
A ± 0.05
0.5 ± 0.1
0.5 ± 0.05
0.35 ± 0.03 (FPC)
0.30 ± 0.03 (FFC)
A ± 0.05
0.5 ± 0.05
0.25 ± 0.05
1.1 ± 0.1
2.6 ± 0.1
1.5 ± 0.1
F ± 0.1
G ± 0.1
3.4
1.1
T = 0.3 ± 0.05
(Conductive plating)
R0.1
*
*
2.1
Cross-section diagram: X-X
(3.2) (3.1)
* Dotted lines indicate the shape and dimensions
of the XF2M-
@@15-1AH connectors.
1.35 (Effective
stacking length)
4.5
(Reinforcement
b
oard)
Table of Dimensions
Pins* 1
Model
ABCD
E
F
G
6
XF2M-0615-1A
2.5 3.6 6.5 7.1 5.1 4.1 7.5
(8)
XF2M-0815-1A
3.5 4.6 7.5 8.1 6.1 5.1 8.5
10
XF2M-1015-1A
4.5 5.6 8.5 9.1 7.1 6.1 9.5
12
XF2M-1215-1A
5.5 6.6 9.5 10.1 8.1 7.1 10.5
14
XF2M-1415-1A
6.5 7.6 10.5 11.1 9.1 8.1 11.5
18
XF2M-1815-1A
8.5 9.6 12.5 13.1 11.1 10.1 13.5
20
XF2M-2015-1A
9.5 10.6 13.5 14.1 12.1 11.1 14.5
22
XF2M-2215-1A
10.5 11.6 14.5 15.1 13.1 12.1 15.5
24
XF2M-2415-1A
11.5 12.6 15.5 16.1 14.1 13.1 16.5
26
XF2M-2615-1A
12.5 13.6 16.5 17.1 15.1 14.1 17.5
30
XF2M-3015-1A
14.5 15.6 18.5 19.1 17.1 16.1 19.5
32
XF2M-3215-1A
15.5 16.6 19.5 20.1 18.1 17.1 20.5
33
XF2M-3315-1A
16.0 17.1 20.0 20.6 18.6 17.6 21.0
34
XF2M-3415-1A
16.5 17.6 20.5 21.1 19.1 18.1 21.5
35
XF2M-3515-1A
17.0 18.1 21.0 21.6 19.6 18.6 22.0
36
XF2M-3615-1A
17.5 18.6 21.5 22.1 20.1 19.1 22.5
38
XF2M-3815-1A
18.5 19.6 22.5 23.1 21.1 20.1 23.5
40
XF2M-4015-1A
19.5 20.6 23.5 24.1 22.1 21.1 24.5
42
XF2M-4215-1A
20.5 21.6 24.5 25.1 23.1 22.1 25.5
45
XF2M-4515-1A
22.0 23.1 26.0 26.6 24.6 23.6 27.0
50
XF2M-5015-1A
24.5 25.6 28.5 29.1 27.1 26.1 29.5
55
XF2M-5515-1AH
27.0 28.1 31.0 31.6 29.6 28.6 32.0
60
XF2M-6015-1AH
29.5 30.6 33.5 34.1 32.1 31.1 34.5
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
6
XF2M-0615-1A-R100
22
XF2M-2215-1A-R100
35
XF2M-3515-1A-R100
55
XF2M-5515-1AH-R100
100
(8)
XF2M-0815-1A-R100
24
XF2M-2415-1A-R100
36
XF2M-3615-1A-R100
60
XF2M-6015-1AH-R100
10
XF2M-1015-1A-R100
26
XF2M-2615-1A-R100
38
XF2M-3815-1A-R100
12
XF2M-1215-1A-R100
30
XF2M-3015-1A-R100
40
XF2M-4015-1A-R100
14
XF2M-1415-1A-R100
32
XF2M-3215-1A-R100
42
XF2M-4215-1A-R100
18
XF2M-1815-1A-R100
33
XF2M-3315-1A-R100
45
XF2M-4515-1A-R100
20
XF2M-2015-1A-R100
34
XF2M-3415-1A-R100
50
XF2M-5015-1A-R100
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
6
XF2M-0615-1A
22
XF2M-2215-1A
35
XF2M-3515-1A
55
XF2M-5515-1AH
1,500
(8)
XF2M-0815-1A
24
XF2M-2415-1A
36
XF2M-3615-1A
60
XF2M-6015-1AH
10
XF2M-1015-1A
26
XF2M-2615-1A
38
XF2M-3815-1A
12
XF2M-1215-1A
30
XF2M-3015-1A
40
XF2M-4015-1A
14
XF2M-1415-1A
32
XF2M-3215-1A
42
XF2M-4215-1A
18
XF2M-1815-1A
33
XF2M-3315-1A
45
XF2M-4515-1A
20
XF2M-2015-1A
34
XF2M-3415-1A
50
XF2M-5015-1A


Similar Part No. - XF2M-3215-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M-3215-1A OMRON-XF2M-3215-1A Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M-3215-1A OMRON-XF2M-3215-1A Datasheet
192Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
More results

Similar Description - XF2M-3215-1A

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
   High efficiency and reliability
FSP084-DIBAN2 SPI-FSP084-DIBAN2 Datasheet
50Kb / 1P
   High efficiency and reliability
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
   High efficiency and reliability
FSP150-ABAN2 SPI-FSP150-ABAN2 Datasheet
47Kb / 1P
   High efficiency and reliability
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
   High efficiency and reliability
FSP060-DBAB1 SPI-FSP060-DBAB1 Datasheet
64Kb / 1P
   High efficiency and reliability
FSP350-60GHS SPI-FSP350-60GHS Datasheet
795Kb / 1P
   High efficiency and reliability
FSP200-50GSV-5K SPI-FSP200-50GSV-5K Datasheet
564Kb / 1P
   High efficiency and reliability
FSP150-AHAN2 SPI-FSP150-AHAN2 Datasheet
34Kb / 1P
   High efficiency and reliability
logo
Wall Industries,Inc.
WMGPSU06X-CC WALL-WMGPSU06X-CC Datasheet
257Kb / 4P
   High Efficiency and Reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com