Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL-2A122 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # WL-2A122
Description  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-2A122 Datasheet(HTML) 5 Page - Omron Electronics LLC

  WL-2A122 Datasheet HTML 1Page - Omron Electronics LLC WL-2A122 Datasheet HTML 2Page - Omron Electronics LLC WL-2A122 Datasheet HTML 3Page - Omron Electronics LLC WL-2A122 Datasheet HTML 4Page - Omron Electronics LLC WL-2A122 Datasheet HTML 5Page - Omron Electronics LLC WL-2A122 Datasheet HTML 6Page - Omron Electronics LLC WL-2A122 Datasheet HTML 7Page - Omron Electronics LLC WL-2A122 Datasheet HTML 8Page - Omron Electronics LLC WL-2A122 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
WL/WLM
Selection Guide
With the WL Series, OMRON will combine the switch, Actuator, and wiring method required to build the ideal switch for
your application.
*1. Not all functions can be combined with environment-resistant switches. Refer to the applicable models on the previous page.
*2. Refer to page 25 for information on the construction of Hermetic Switches.
The WL Series consists of four basic types: General-purpose, En-
vironment-resistant, Spatter-prevention, and Long-life Switches.
WLCA2 Switches can be used for the most common applications.
Normal
High-temperature
Low-temperature
Outdoors
−10°C
+80
°C
+5
°C
+120
°C
−40°C
+40
°C
Water-resistant to IP67.
Environment
Key specifications
Models
WL
@
General-purpose
Switches
WLM
@
Long-life Switches
WL
@-TH
Heat-resistant
Switches *1
WL
@-TC
Low-temperature
Switches *1
WL
@-P1
Weather-proof
Switches *1
Water drops and mist
Uses an airtight built-in switch.
WL
@-55
Airtight Switches *1
WL
@-RP
Corrosion-proof
Switches *1
WL
@-S
Spatter-prevention
Switches
Chemicals and oil
WL
@-139
Hermetic, Molded-terminal
Switches *1, *2
WL
@-RP40
Hermetic, Molded-terminal
Switches *1, *2
WL
@-140
Hermetic, Molded-terminal
Switches *1, *2
WL
@-141, -145
Hermetic, Molded-terminal
Switches *1, *2
(Only the WLCA2, WLG2, WLGCA2,
and WLH2 can be produced.)
WL
@-RP60
Hermetic, Molded-terminal
Switches *1, *2
According to Operating Environment
To increase heat resistance, the rubber material (silicon rubber)
and the material of the built-in switch have been changed.
Cables attached. Uses a general-purpose built-in switch.
The case cover and conduit opening are molded from epoxy
resin to increase the seal. The cover cannot be removed.
Cables attached. Uses an airtight built-in switch.
The cover screws, case cover, box interior, and conduit opening
are molded from epoxy resin to increase the seal.
(The cover cannot be removed.)
Cables attached. Uses an airtight built-in switch.
The cover screws, case cover, box interior, conduit opening, box
head, and head screws are molded from epoxy resin to increase
the seal. (The cover cannot be removed.)
The Head opening is protected from cutting powder.
-141: The Head section is molded from epoxy resin;
Head direction cannot be changed.
-145: The Head section is molded from epoxy resin;
Head can be in any of 4 directions.
Cables attached. Uses an airtight built-in switch.
The case cover and box interior are molded from epoxy resin to
increase the seal. The cover cannot be removed.
The SC connector can be removed, so it is possible to use
flexible conduits for the cable.
To prevent spatter during welding, a heat-resistant resin is used
for the indicator cover and screws and rollers are all made from
stainless steel.
Cables attached. Uses an airtight built-in switch.
The case cover, box interior, conduit opening, and head screws
are molded from epoxy resin to increase the seal. (The cover
cannot be removed.) Rubber parts are made from fluorine rubber
to increase resistance to coolant.
Rubber parts are made from silicone rubber, which has a
high-tolerance to deterioration over time and changes in temperature.
Rollers are made of stainless steel to improve corrosion resistance.
Exposed nuts and screws are made of stainless steel.
Corrosion-proof aluminum diecast has been used for the
housing, fluorine rubber has been used for rubber parts, and
stainless steel has been used for screws and nuts (except for
actuator) to increase resistance to oils, chemicals, and weather.
To increase resistance to cold, silicon rubber and other
measures are used.
Constant water
drops and mist
Coolant
Spattering from
welding
Constant water
drops or splattering
cutting powder


Similar Part No. - WL-2A122

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
Omron Electronics LLC
WL-2H1100 OMRON-WL-2H1100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H1100-1 OMRON-WL-2H1100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100 OMRON-WL-2H2100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100-1 OMRON-WL-2H2100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
More results

Similar Description - WL-2A122

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com