Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2B-20J6-3B Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XW2B-20J6-3B
Description  Simplify Wiring between Motor Controls and Omrons Position Control PLC Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2B-20J6-3B Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XW2B-20J6-3B Datasheet HTML 3Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 4Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 5Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 6Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 7Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 8Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 9Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 10Page - Omron Electronics LLC XW2B-20J6-3B Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
WX2B
WX2B
7
29.5
(1.16)
15.5
45
(1.77)
46
(1.81)
44.3
(1.74)
3.5
3.5
180 (7.09)
7.62
20.5
2.8
7
6.2
Two, 3.5
dia. holes
XW2B-40J6-2B
Note: The terminal block has a terminal pitch of 7.62 mm.
NC Module side
X--axis Servo side
Triangle mark
Terminal block (40 P) with rotary cover
Y--axis Servo side
M3
2.8
63.6 (2.50)
54.7 (2.15)
Connection to Multi Axis Position Control Modules
C200H-NC211-U/C200HW-NC213-U/C200HW-NC413-U
Note: 1. The XB contact is used to turn the electromagnetic brake on and off.
2. Use mode 2 for origin search.
3. When only a single axis is used, short--circuit the unused axis’ CW limit and CCW limit to the common terminal.
4. The open terminal must be left unconnected.
5. 0 V and common terminals are connected internally.
6. The suitable crimp terminal is R1.25-3 (round or fork type).
Com--
mon
X/Y--ax-
is emer--
gency
stop
X--ax-
is CW
limit
Com--
mon
X--axis
remote
interrupt
X--ax-
is
CCW
limit
X--ax-
is ori-
gin
prox--
imity
X--ax-
is
RUN
X--axis
MING
X--axis
ALM
X--ax-
is
BKIR
Y--
axis
CW
limit
Y--
axis
CCW
limit
Y--axis
origin
prox--
imity
Y--axis
RUN
Y--axis
MING
Y--axis
ALM
Y--
axis
BKIR
X--axis
RESET
X--
axis
ALM
COM
Y--axis
remote
interrupt
Y--axis
RESET
Y--axis
ALM
COM
Com--
mon
Com--
mon
Com
--mon
Com--
mon
Com--
mon
Com--
mon
Com--
mon
24
VDC
24 VDC
24
VDC
(see
note 1)
(see
note 1)
Connection to Terminal Block
The terminal signal name varies with the
servo driver. Refer to the Operation
Manual of the servo driver in use.
Identify the servo driver in use by writing
the name on the terminal nameplates
provided. Affix the nameplate to the
terminal cover.
7.5


Similar Part No. - XW2B-20J6-3B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2B-20J6-3B OMRON-XW2B-20J6-3B Datasheet
339Kb / 8P
   Cost-Effective Servo Capability with Stepper Simplicity
XW2B-20J6-3B OMRON-XW2B-20J6-3B Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - XW2B-20J6-3B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM2D-0901 OMRON-XM2D-0901 Datasheet
1Mb / 22P
   PLC Cable and Wiring Guide
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
STMicroelectronics
L9909 STMICROELECTRONICS-L9909 Datasheet
72Kb / 9P
   DC MOTOR DRIVER WITH POSITION CONTROL
logo
List of Unclassifed Man...
EFAC230 ETC2-EFAC230 Datasheet
65Kb / 2P
   Current and Voltage Controls Frequency Monitoring Control
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
logo
List of Unclassifed Man...
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com