Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL-2A100 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # WL-2A100
Description  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-2A100 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button WL-2A100 Datasheet HTML 2Page - Omron Electronics LLC WL-2A100 Datasheet HTML 3Page - Omron Electronics LLC WL-2A100 Datasheet HTML 4Page - Omron Electronics LLC WL-2A100 Datasheet HTML 5Page - Omron Electronics LLC WL-2A100 Datasheet HTML 6Page - Omron Electronics LLC WL-2A100 Datasheet HTML 7Page - Omron Electronics LLC WL-2A100 Datasheet HTML 8Page - Omron Electronics LLC WL-2A100 Datasheet HTML 9Page - Omron Electronics LLC WL-2A100 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
WL/WLM
Conditions
Key specifications
Models
According to Application Conditions
Switching standard
loads
Switching
microloads
Normal durability
Long-life
0.1 A at 125 VAC, resistive load
0.1 A at 30 VDC, resistive load
10 A at 125,250, or 500 VAC
0.8 A at 125 VDC
0.4 A at 250 VDC
WL
@
General-purpose Switches
WL
@-S
Spatter-prevention Switches
WLM
@
Long-life Switches
WL01
@
General-purpose Microload Switches
WL01
@-S
Spatter-prevention Microload Switches
WL
@
General-purpose Switches
WL
@-S
Spatter-prevention Switches
WLM
@
Long-life Switches
Mechanical: 15 million operation min.
(10 million operation min. for overtravel
general-purpose or high-sensitivity models or
flexible rod models)
Mechanical: 30 million operation min.
According to Ease of Installation and Maintenance
Connector
attachment in
control and relay
boxes
One-touch
connector
attachment
Screw tightening
and installation
Daily inspections
and maintenance
checks
Switching light-ON between operating/not
operating. (Switching not possible for models
with molded terminals.)
LED
10 to 115 VAC/DC
Switching light-ON between operating/not
operating. (Switching not possible for models
with molded terminals.)
Neon lamp
125 to 250 VAC
Pre-wired connector, 4-conductor.
Greatly reduces wiring work.
Water-proof to IP67.
Direct-wired connector, 4-conductor.
Greatly reduces wiring work.
Water-proof to IP67.
Pre-wired connector, 2-conductor.
Greatly reduces wiring work.
Water-proof to IP67.
Direct-wired connector, 2-conductor.
Greatly reduces wiring work.
Water-proof to IP67.
Screw terminals. No ground terminal.
Conduit size: G1/2
Screw terminals. Ground terminal.
Conduit size: 4 sizes
WL
@-@LD-@GJO3
General-purpose, Pre-wired Connector Switches
WL
@-@S-@GJSO3
Spatter-prevention, Pre-wired Connector Switches
WLM
@-LD-@GJO3
Long-life, Pre-wired Connector Switches
WL
@-@LD-M1J
General-purpose, Pre-wired Connector Switches
WL
@-@S-M1J-1
Spatter-prevention, Pre-wired Connector Switches
WLM
@-LD-M1J
Long-life, Pre-wired Connector Switches
WL
@-@LDK13
General-purpose, Direct-wired Connector Switches
WLM
@-LDK13
Long-life, Direct-wired Connector Switches
WL
@-@LDK43
General-purpose, Direct-wired Connector Switches
WLM
@-LDK43
Long-life, Direct-wired Connector Switches
WL
@
General-purpose Switches
WL
@
General-purpose Switches
WLM
@
Long-life Switches
WL
@-LD
General-purpose, Indicator-equipped (LED) Switches
WL
@-LDS
Spatter-prevention, Indicator-equipped (LED) Switches
WL
@-LE
General-purpose, Indicator-equipped (Neon Lamp) Switches
WL
@-LES
Spatter-prevention, Indicator-equipped (Neon Lamp) Switches
Conditions
Key specifications
Models


Similar Part No. - WL-2A100

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
Omron Electronics LLC
WL-2H1100 OMRON-WL-2H1100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H1100-1 OMRON-WL-2H1100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100 OMRON-WL-2H2100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100-1 OMRON-WL-2H2100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
More results

Similar Description - WL-2A100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com