Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-1631 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XG4A-1631
Description  Industry Standard Circuit Board Connectors Conform to MIL Standards
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-1631 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XG4A-1631 Datasheet HTML 1Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 2Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 3Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 4Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 5Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 6Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 7Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 8Page - Omron Electronics LLC XG4A-1631 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
44
Flat Cable Connectors
XG4
Cable Mount Connectors
■ XG4M-U Sockets (Uses XG4U Strain Relief with Lock Levers)
Dimensions
Ordering Information
Note: 1. Sets include the connector and strain relief.
2. With open-end cover.
3. Strain Relief sold separately.
4. Polarity guide pitch is 22.86 mm.
XG4U
A
B
3.3
1
6.7
10.1
(16.8)
9.5
5.6
3
9.5
5.6
3
7.4
9.1
(16.5)
3.3
C
20.2
XG4C
XG4M
XG4U
XG4C
XG4M
XG4M
XG4U
XG4C
Open-end cover
Triangular mark
Polarizing Key slot (2)
(not on models with
less than 14 contacts)
Polarity guide
Polarizing Key slot (1)
3
6.6
10.6
D
E
2.54
3.8
6.1
2.54
1
20.2
9.3
XG4U-
@@04
Strain Reliefs with Locks
No. of
contacts
Dimensions (mm)
ABCD
E
10
26.813.226.217.310.16
14
31.818.231.222.315.24
16
34.420.833.824.917.78
20
39.525.938.930.022.86
26
47.133.546.537.630.48
30
52.238.651.642.735.56
34
57.243.656.647.740.64
40
64.951.364.355.448.26
50
77.664.077.068.160.96
60
90.376.789.780.873.66
64
95.381.794.785.878.74
XG4M-
@@30 (one polarity guide)
XG4M-
@@31 (all others)
Mating Diagrams for XG4M-U
XG4U + XG4M + XG4C (with straight terminals)
XG4U + XG4M + XG4C (with right-angle terminals)
(Locked)
(Unlocked)
No. of
contacts
No. of
polarity
guides
Socket+Strain Relief Sets (See notes 1 and 2.) Socket with Open-end Cover (See note 3.) Strain Relief with Locks
10
0
XG4M-1031-U
XG4M-1031
XG4U-1004
1
XG4M-1030-U
XG4M-1030
14
1
XG4M-1430-U
XG4M-1430
XG4U-1404
16
1
XG4M-1630-U
XG4M-1630
XG4U-1604
20
1
XG4M-2030-U
XG4M-2030
XG4U-2004
26
1
XG4M-2630-U
XG4M-2630
XG4U-2604
30
1
XG4M-3030-U
XG4M-3030
XG4U-3004
34
1
XG4M-3430-U
XG4M-3430
XG4U-3404
40
1
XG4M-4030-U
XG4M-4030
XG4U-4004
50
1
XG4M-5030-U
XG4M-5030
XG4U-5004
2 (See note 4.) XG4M-5031-U
XG4M-5031
60
1
XG4M-6030-U
XG4M-6030
XG4U-6004
2 (See note 4.) XG4M-6031-U
XG4M-6031
64
1
XG4M-6430-U
XG4M-6430
XG4U-6404
2 (See note 4.) XG4M-6431-U
XG4M-6431


Similar Part No. - XG4A-1631

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-1631 OMRON-XG4A-1631 Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4A-1631

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XM7 OMRON-XM7 Datasheet
1Mb / 10P
   Small Interface Connectors That Conform to USB Standards
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
International Rectifier
OM1321 IRF-OM1321_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117HV
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
OM1324 IRF-OM1324_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117A
OM1320 IRF-OM1320_15 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
OM1326 IRF-OM1326_15 Datasheet
43Kb / 4P
   Similar To Industry Standard LM117AHV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com