Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-1031 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # XG4A-1031
Description  Industry Standard Circuit Board Connectors Conform to MIL Standards
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-1031 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button XG4A-1031 Datasheet HTML 4Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 5Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 6Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 7Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 8Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 9Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 10Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 11Page - Omron Electronics LLC XG4A-1031 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
48
Flat Cable Connectors
XG4
PCB Mount Connectors
■ XG4A Plugs with Long Lock levers
Dimensions
Straight DIP terminals
Right-angle DIP terminals
0.635
× 0.635
0.635
× 0.635
Straight DIP terminals
Right-angle DIP terminals
Two, 2.6 dia.
(M3 tapping screw hole)
Two, 2.65 dia.
Triangular
mark
Polarizing Key slot
(not on models with
less than 14 contacts)
Polarity slot
Polarizing Key slot
Mounting view (bottom view)
Right-angle terminals
0.8 +0.1 dia. (DIP terminals)
0
Two, 2.8 dia.
(M2.6)
Two, 3.2 dia.
(M3 tapping
screw hole)
Straight terminals
0.8 +0.1 dia. (DIP terminals)
0
Two, 3.2 dia.
(M3 tapping
screw hole)
XG4A-
@@31/-@@71 (With straight DIP terminals)
XG4A-
@@34/-@@74 (With right-angle DIP terminals)
Note: See the “Polarity Slot and Polarizing Key Slot Number and
Position” section for details on the availability (10-contact
Connectors) and pitch (with 50, 60, or 64-contact Connectors)
of polarity slots.
No. of
contacts
Dimensions (mm)
ABCD
E
F
10
32.0
17.5
10.16
21.8
27.9
46.4
14
37.1
22.6
15.24
26.9
33.0
51.5
16
39.6
25.2
17.78
29.5
35.6
54.1
20
44.7
30.2
22.86
34.5
40.6
59.1
26
52.3
37.9
30.48
42.2
48.3
66.8
30
57.4
42.9
35.56
47.2
53.3
71.8
34
62.5
48.0
40.64
52.3
58.4
76.9
40
70.1
55.6
48.26
59.9
66.0
84.5
50
82.8
68.3
60.96
72.6
78.7
97.2
60
95.5
81.0
73.66
85.3
91.4
109.9
64
100.6
86.1
78.74
90.4
96.5
115.0


Similar Part No. - XG4A-1031

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-1031 OMRON-XG4A-1031 Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4A-1031

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XM7 OMRON-XM7 Datasheet
1Mb / 10P
   Small Interface Connectors That Conform to USB Standards
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
International Rectifier
OM1321 IRF-OM1321_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117HV
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
OM1324 IRF-OM1324_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117A
OM1320 IRF-OM1320_15 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
OM1326 IRF-OM1326_15 Datasheet
43Kb / 4P
   Similar To Industry Standard LM117AHV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com