Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHR-8 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PHR-8
Description  Disconnectable Crimp style connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PHR-8 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PHR-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHR-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHR-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHR-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHR-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHR-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHR-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
27
SMT type PC board layout (viewed from component side) and Assembly layout –––––––––
1.6
±0.1
(.063
±.004)
1.6
±0.1
(.063
±.004)
2.0
±0.05
(.079
±.002)
1.0
min.
(.039)
End face of wafer
on the mating side
5.0(.197)
(.039)
1.5
±0.1
(.059
±.004)
1.6
±0.1
(.063
±.004)
2.0
±0.05
(.079
±.002)
End face of wafer
on the mating side
1.0
min.
7.6
(.299)
9.6
(.378) 1.0(.039)
SM3 type
Side entry type
Top entry type
Note:
1. Tolerances are non-cumulative: ±0.05mm(±.002" ) for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
PH CONNECTOR
Contact
Crimp applicator MKS-L(-10)
Compact crimp applicator MKS-LS
Strip-crimp applicator MKS-SC
with safety cover
without safety cover
with safety cover
without safety cover
with safety cover
Applicator for the semi-automatic press AP-K2N –––––––––––––––––––––––––––––––
SPH-002T-P0.5S
APLMK SPH002-05S
APLNC SPH002-05S
APLMKLS SPH002-05S
APLLSNC SPH002-05S
APLSC SPH002-05S
SPH-004T-P0.5S
APLMK SPH004-05S
APLNC SPH004-05S
––
APLSC SPH004-05S


Similar Part No. - PHR-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHR-8 ETC2-PHR-8 Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-8 ETC2-PHR-8 Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - PHR-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com