Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMCJ Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 5.0SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

5.0SMCJ Datasheet(HTML) 4 Page - Pan Jit International Inc.

  5.0SMCJ Datasheet HTML 1Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 2Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 3Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 4Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 5Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
June 7,2013-REV.00
5.0SMCJ SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 3K per 13" plastic Reel
T/R - 0.5K per 7" plastic Reel


Similar Part No. - 5.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
5.0SMCJ YEASHIN-5.0SMCJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Rectron Semiconductor
5.0SMCJ RECTRON-5.0SMCJ Datasheet
521Kb / 6P
   Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
logo
FutureWafer Tech Co.,Lt...
5.0SMCJ FUTUREWAFER-5.0SMCJ Datasheet
1Mb / 12P
   5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
SMC Diode Solutions Co....
5.0SMCJ SMCDIODE-5.0SMCJ Datasheet
371Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. D
logo
Yea Shin Technology Co....
5.0SMCJ100 YEASHIN-5.0SMCJ100 Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - 5.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com