Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP7030BL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP7030BL
Description  N-Channel Logic Level PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7030BL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP7030BL Datasheet HTML 1Page - Fairchild Semiconductor FDP7030BL Datasheet HTML 2Page - Fairchild Semiconductor FDP7030BL Datasheet HTML 3Page - Fairchild Semiconductor FDP7030BL Datasheet HTML 4Page - Fairchild Semiconductor FDP7030BL Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2003
©2003 Fairchild Semiconductor Corporation
FDP7030BL/FDB7030BL Rev D1(W)
FDP7030BL/FDB7030BL
N-Channel Logic Level PowerTrench
® MOSFET
General Description
This N-Channel Logic Level MOSFET has been
designed specifically to improve the overall efficiency of
DC/DC
converters
using
either
synchronous
or
conventional switching PWM controllers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
RDS(ON) specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power
supply designs with higher overall efficiency.
It has been optimized for low gate charge, low RDS(ON)
and fast switching speed.
Features
• 60 A, 30 V
RDS(ON) = 9 m
Ω @ V
GS = 10 V
RDS(ON) = 12 m
Ω @ V
GS = 4.5 V
• Critical DC electrical parameters specified at
elevated temperature
• High performance trench technology for extremely
low RDS(ON)
• 175°C maximum junction temperature rating
S
G
D
TO-220
FDP Series
D
G
S
TO-263AB
FDB Series
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1)
60
A
– Pulsed
(Note 1)
180
PD
Total Power Dissipation @ TC = 25
°C
60
W
Derate above 25
°C
0.4
W/
°C
TJ, TSTG
Operating and Storage Junction Temperature Range
–65 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDB7030BL
FDB7030BL
13’’
24mm
800 units
FDP7030BL
FDP7030BL
Tube
n/a
45


Similar Part No. - FDP7030BL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP7030BL ISC-FDP7030BL Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP7030BLS FAIRCHILD-FDP7030BLS Datasheet
82Kb / 6P
   30V N-Channel PowerTrench짰SyncFET?
More results

Similar Description - FDP7030BL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com