Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB6690S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDB6690S
Description  30V N-Channel PowerTrench SyncFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB6690S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDB6690S Datasheet HTML 1Page - Fairchild Semiconductor FDB6690S Datasheet HTML 2Page - Fairchild Semiconductor FDB6690S Datasheet HTML 3Page - Fairchild Semiconductor FDB6690S Datasheet HTML 4Page - Fairchild Semiconductor FDB6690S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDP6690S/FDB6690S Rev C (W)
Typical Characteristics
0
20
40
60
80
0
1
2
3
4
5
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
VGS = 10V
4.5V
6.0V
4.0V
3.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
20
40
60
80
ID, DRAIN CURRENT (A)
VGS = 4.0V
8.0V
6.0V
5.0V
10V
4.5V
7.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (
oC)
ID = 21A
VGS =10V
0.005
0.015
0.025
0.035
0.045
0.055
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 21 A
TA = 125
o
C
TA = 25
o
C
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
1.5
2
2.5
3
3.5
4
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = 5V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDB6690S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB6644 FAIRCHILD-FDB6644 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDB6670AL FAIRCHILD-FDB6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDB6670AS FAIRCHILD-FDB6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDB6670AS FAIRCHILD-FDB6670AS Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDB6670AS_NL FAIRCHILD-FDB6670AS_NL Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDB6690S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com