Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB6676S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDB6676S
Description  30V N-Channel PowerTrench SyncFET?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB6676S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDB6676S Datasheet HTML 1Page - Fairchild Semiconductor FDB6676S Datasheet HTML 2Page - Fairchild Semiconductor FDB6676S Datasheet HTML 3Page - Fairchild Semiconductor FDB6676S Datasheet HTML 4Page - Fairchild Semiconductor FDB6676S Datasheet HTML 5Page - Fairchild Semiconductor FDB6676S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDP6676S/FDB6676S Rev C (W)
Typical Characteristics
0
25
50
75
100
125
150
0
1234
VDS, DRAIN-SOURCE VOLTAGE (V)
2.5V
3.5V
V
GS = 10V
4.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
0
255075
100
125
150
ID, DRAIN CURRENT (A)
V
GS = 2.5V
4.5V
3.0V
3.5V
10V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-55
-35
-15
5
25
45
65
85
105
TJ, JUNCTION TEMPERATURE (
oC)
I
D = 38A
V
GS =10V
120
0.004
0.006
0.008
0.01
0.012
0.014
0.016
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 19A
T
A = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
15
30
45
60
75
90
11.5
22.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
VDS = 5V
0.01
0.1
1
10
100
00.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDB6676S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB6676 FAIRCHILD-FDB6676 Datasheet
82Kb / 5P
   30V N-Channel Logic Level PowerTrench MOSFET
More results

Similar Description - FDB6676S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com