Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2920L100 Datasheet(PDF) 3 Page - Littelfuse

Part # 2920L100
Description  POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2920L100 Datasheet(HTML) 3 Page - Littelfuse

  2920L100 Datasheet HTML 1Page - Littelfuse 2920L100 Datasheet HTML 2Page - Littelfuse 2920L100 Datasheet HTML 3Page - Littelfuse 2920L100 Datasheet HTML 4Page - Littelfuse 2920L100 Datasheet HTML 5Page - Littelfuse 2920L100 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
53
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Surface Mount > 2920L Series
2920L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2920L.html for current information.
Environmental Specifications
Soldering Parameters
Condition
Reflow
Peak Temp/ Duration Time
260°C / 10 Sec
Time above liquids (TAL) 220°C
60 Sec ~ 100 Sec
Preheat 120°C~ 180°C
50 Sec ~ 150 Sec
Storage Condition
<
=70%RH
2 environment for lead–free
solvents.
Note:
devices may not meet the performance requirements.
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped
State
125°C
Passive Aging
-/+5% typical resistance change
Humidity Aging
-/+5% typical resistance change
Thermal Shock
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
Vibration
Moisture Sensitivity Level
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin(Sn))
Lead Solderability
Preheating
120
180
220
260
0
60 to 100
Soldering
Cooling
120
50 to 150
Time(s)


Similar Part No. - 2920L100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L100 LITTELFUSE-2920L100 Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
420Kb / 6P
   2920L Series
2920L100PRHF LITTELFUSE-2920L100PRHF Datasheet
420Kb / 6P
   2920L Series
More results

Similar Description - 2920L100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
1812L150ZR LITTELFUSE-1812L150ZR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
0603L035YR LITTELFUSE-0603L035YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com