Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

102R18N220JV4E Datasheet(PDF) 36 Page - Johanson Technology Inc.

Part # 102R18N220JV4E
Description  Ceramic Capacitor Solutions
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

102R18N220JV4E Datasheet(HTML) 36 Page - Johanson Technology Inc.

Back Button 102R18N220JV4E Datasheet HTML 32Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 33Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 34Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 35Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 36Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 37Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 38Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 39Page - Johanson Technology Inc. 102R18N220JV4E Datasheet HTML 40Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
www.johanson dielectrics.com
key FeatureS
• Integrated Capacitance in The Substrate
• Rated Working Voltages from 50V to 5,000V
• Temperature ranges: -55C to 125C (specials to 200C and 250C)
• Compact Designs Utilizing Military Grade Ceramics
• Custom Sizes, Values, and Voltages Available
Johanson CapStrate® products integrate bulk capaci-
tance into a ceramic substrate eliminating large discrete
capacitive components which saves critical space and
simplifies the assembly process. Our design and manu-
facturing expertise in large format, custom geometries
provides innovative solutions that economically solve a
wide variety of your design challenges.
Size / capacitance capaBility eXampleS
SuBSTRATE SIZE
LENGTH
WIDTH
THICK
NPO
50V
NPO
100V
NPO
200V
NPO
500V
X7R
50V
X7R
100V
X7R
200V
X7R
500V
CapStrate 4
In
0.400
0.400
0.120
0.22µF
0.15µF
0.12µF
0.07µF
9.0µF
6.0µF
3.0µF
1.5µF
mm
10.2
10.2
3.1
CapStrate 3
In
0.450
1.00
0.120
0.70µF
0.50µF
0.39µF
0.22µF
28.0µF
20.0µF
9.0µF
4.7µF
mm
11.43
25.4
3.1
CapStrate 1
In
0.450
2.00
0.120
1.40µF
1.00µF
0.75µF
0.44µF
50.0µF
40.0µF
18.0µF
9.4µF
mm
11.4
50.8
3.1
CapStrate 2
In
0.800
1.50
0.120
2.00µF
1.40µF
1.00µF
0.60µF
75.0µF
55.0µF
25.0µF
14.0µF
mm
20.3
38.1
3.1
CapStrate 6
In
1.250
2.00
0.120
4.00µF
2.80µF
2.00µF
1.20µF
150.0µF 110.0µF
50.0µF
28.0µF
mm
31.8
50.8
3.1
Circular CapStrate® Capacitance Formula
1.3 -1.6
µF / In2
0.9 -1.1
µF / In2
0.7 -0.8
µF / In2
50 - 62
µF / In2
35 - 45
µF / In2
18 - 20
µF / In2
1.3 -1.6
µF / In2
9 -10
µF / In2
This chart is intended to provide capability examples. Not all possibilities are shown and we invite application specific inquiries.
Circular CapStrate® example lists available capacitance per area.
caPstrate® caPacItor suBstrates
adVantageS
• Major Size & Weight Reduction
• Fewer Solder Joints
• Lower Assembly Cost
• Circuit Assembly Available
Discrete
Circuit
CapStrate®
Circuit


Similar Part No. - 102R18N220JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
More results

Similar Description - 102R18N220JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com