Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSMB1940X01 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSMB1940X01
Description  High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMB1940X01 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSMB1940X01 Datasheet HTML 1Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 2Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 3Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 4Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 5Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 6Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VSMB1940X01
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-May-13
4
Document Number: 81933
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REFLOW SOLDER PROFILE
Fig. 9 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
DRYPACK
Devices are packed in moisture barrier bags (MBB) to
prevent the products from moisture absorption during
transportation and storage. Each bag contains a desiccant.
FLOOR LIFE
Time between soldering and removing from MBB must not
exceed the time indicated in J-STD-020:
Moisture sensitivity: level 3
Floor life: 168 h
Conditions: Tamb < 30 °C, RH < 60 %
DRYING
In case of moisture absorption devices should be baked
before soldering. Conditions see J-STD-020 or label.
Devices taped on reel dry using recommended conditions
192 h at 40 °C (+ 5 °C), RH < 5 %.
PACKAGE DIMENSIONS in millimeters
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
19841
255 °C
20018


Similar Part No. - VSMB1940X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB1940X01 VISHAY-VSMB1940X01 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB1940X01 VISHAY-VSMB1940X01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_16 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB1940X01 VISHAY-VSMB1940X01_V01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_V02 Datasheet
165Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - VSMB1940X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB1940X01 VISHAY-VSMB1940X01_V01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_V02 Datasheet
165Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB1940ITX01 VISHAY-VSMB1940ITX01_V02 Datasheet
168Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB3940X01 VISHAY-VSMB3940X01_V02 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB1940X01 VISHAY-VSMB1940X01_16 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB3940X01-GS08 VISHAY-VSMB3940X01-GS08 Datasheet
140Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 03-Mar-10
VSMB3940X01 VISHAY-VSMB3940X01 Datasheet
150Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Nov-09
VSMB1940ITX01 VISHAY-VSMB1940ITX01_V01 Datasheet
168Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB3940X01 VISHAY-VSMB3940X01_V01 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB3940X01 VISHAY-VSMB3940X01_13 Datasheet
876Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.7, 05-Dec-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com