Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2219-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2219-RC
Description  High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2219-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2219-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.7
High Current Toroid Inductors
Special Features
• DC/DC converter, EMI filter applications
• Low radiation
• Low core loss
• High current capacity
• Horizontal or vertical mount
• Low cost
• Operating temperature -55 to +105 °C
Notes
* Current to cause 30 °C max. temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2210-V-RC
2200 Series
Part
Number
L (µH)
±15 %
@ 1 KHz
Idc*
(A)
L (µH)
±15 %
@ I rated
DCR
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2201-RC
10
12.5
6.7
0.007
0.46
0.88
0.053
2202-RC
12
12.0
7.9
0.008
0.46
0.88
0.053
2203-RC
15
11.3
9.6
0.008
0.46
0.88
0.053
2204-RC
18
10.8
11.3
0.009
0.46
0.88
0.053
2205-RC
22
10.3
13.4
0.010
0.46
0.88
0.053
2206-RC
27
9.8
16.0
0.011
0.46
0.88
0.053
2207-RC
33
7.4
21.6
0.020
0.45
0.87
0.042
2208-RC
39
7.1
25.0
0.022
0.45
0.87
0.042
2209-RC
47
6.7
29.3
0.024
0.45
0.87
0.042
2210-RC
56
6.4
34.1
0.026
0.45
0.87
0.042
2211-RC
68
4.9
45.7
0.046
0.44
0.86
0.034
2212-RC
100
4.4
64.0
0.056
0.44
0.86
0.034
2213-RC
120
3.3
84.4
0.098
0.44
0.86
0.027
2214-RC
150
3.1
102.7
0.11
0.44
0.86
0.027
2215-RC
180
3.8
105.9
0.075
0.48
0.9
0.034
2216-RC
220
3.6
125.6
0.083
0.48
0.9
0.034
2217-RC
270
3.4
149.4
0.092
0.48
0.9
0.034
2218-RC
330
3.3
176.8
0.10
0.48
0.9
0.034
2219-RC
390
2.5
235.3
0.18
0.46
0.88
0.027
2220-RC
470
2.3
275.9
0.19
0.46
0.88
0.027
2221-RC
560
2.2
320.1
0.21
0.46
0.88
0.027
2222-RC
680
2.1
377.2
0.23
0.49
0.91
0.027
2223-RC
820
2.0
441.5
0.26
0.49
0.91
0.027
2224-RC
1000
1.9
521.3
0.28
0.49
0.91
0.027
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 07/09
Dimensions: Inches
Mounting Plane
Mounting Plane
Vertical
Horizontal
Leads tinned to within
1/16 inch above
mounting plane.
0.5 inch lead length.
Leads tinned to within
1/16 inch above
mounting plane.
0.5 inch lead length.
C
C
A
B
0.95
Max.
0.55
Max.
0.55
Max.
1/16 Inch Max.
1/16 inch
Max.
0.95
Max.


Similar Part No. - 2219-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount Low cost
More results

Similar Description - 2219-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Vishay Siliconix
TJ3 VISHAY-TJ3 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com