Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2115-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2115-RC
Description  High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2115-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2115-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.4
High Current Toroid Inductors
2100 Series
Part
Number
L (µH)
±15 %
@ 1 KHz
Idc*
(A)
L (µH)
±15 %
@ I rated
DCR
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2101-RC
10
10.8
6.3
0.006
0.34
0.77
0.053
2102-RC
12
10.3
7.4
0.007
0.34
0.77
0.053
2103-RC
15
7.7
10.2
0.012
0.33
0.76
0.042
2104-RC
18
7.4
11.9
0.013
0.33
0.76
0.042
2105-RC
22
7.0
14.2
0.015
0.33
0.76
0.042
2106-RC
27
5.3
19.1
0.026
0.32
0.75
0.034
2107-RC
33
5.0
22.8
0.029
0.32
0.75
0.034
2108-RC
39
4.8
26.4
0.032
0.32
0.75
0.034
2109-RC
47
3.6
34.7
0.055
0.31
0.75
0.027
2110-RC
56
3.4
40.6
0.060
0.31
0.75
0.027
2111-RC
68
3.3
48.3
0.067
0.31
0.75
0.027
2112-RC
100
2.4
75.2
0.13
0.31
0.74
0.022
2113-RC
120
2.2
88.5
0.15
0.31
0.74
0.022
2114-RC
150
3.4
84.3
0.062
0.35
0.79
0.034
2115-RC
180
2.6
113.1
0.11
0.34
0.77
0.027
2116-RC
220
2.4
134.4
0.12
0.34
0.77
0.027
2117-RC
270
1.8
181.6
0.21
0.33
0.76
0.022
2118-RC
330
1.7
216.3
0.23
0.33
0.76
0.022
2119-RC
390
1.7
250.1
0.25
0.33
0.76
0.022
2120-RC
470
1.6
293.8
0.28
0.35
0.76
0.022
2121-RC
560
1.5
341.5
0.30
0.35
0.79
0.022
2122-RC
680
1.4
403.2
0.33
0.35
0.79
0.022
2123-RC
820
1.4
472.8
0.37
0.35
0.79
0.022
2124-RC
1000
1.3
559.2
0.40
0.37
0.81
0.022
Special Features
• DC/DC converter, EMI filter applications
• Low radiation
• Low core loss
• High current capacity
• Horizontal or vertical mount
• Low cost
• Operating temperature -55 to +105 °C
Notes
* Current to cause 30 °C max. temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2113-V-RC
Dimensions: Inches
Mounting Plane
Mounting Plane
Vertical
Horizontal
Leads tinned to within
0.062 inch above
mounting plane.
0.5 inch lead length.
Leads tinned to within
0.062 inch above
mounting plane.
0.5 inch lead length.
C
C
A
B
0.86
Max.
0.45
Max.
0.45
Max.
0.062 Inch Max.
0.062 inch
Max.
0.86
Max.
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 07/09


Similar Part No. - 2115-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
117Kb / 1P
   High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2115-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Vishay Siliconix
TJ3 VISHAY-TJ3 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com