Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8E2TL06-E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8E2TL06-E
Description  Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8E2TL06-E Datasheet(HTML) 4 Page - Vishay Siliconix

  8E2TL06-E Datasheet HTML 1Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 2Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 3Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 4Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 5Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 6Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 7Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 8Page - Vishay Siliconix 8E2TL06-E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93168
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Aug-10
VS-8E2TL06-E, VS-8E2TL06-M, VS-8E2TL06FP-E
Vishay Semiconductors
Ultralow VF Ultrafast Rectifier,
8 A FRED Pt®
Fig. 5 - Maximum Thermal Impedance ZthJC Characteristics (FULL-PAK)
Fig. 6 - Maximum Allowable Case Temperature vs.
Average Forward Current (TO-220)
Fig. 7 - Maximum Allowable Case Temperature vs.
Average Forward Current (FULL-PAK)
Fig. 8 - Forward Power Loss Characteristics
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
0.1
1
10
0.00001
93168_05
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
IF(AV) - Average Forward Current (A)
8
6
4
210
12
0
180
140
160
170
150
93168_06
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
8
6
4
210
12
0
140
160
170
180
100
120
130
150
110
93168_07
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
810
6
4
2
12
0
93168_08
12
0
4
8
10
6
2
RMS limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC


Similar Part No. - 8E2TL06-E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8E2TX06-E VISHAY-8E2TX06-E Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
8E2TX06-M VISHAY-8E2TX06-M Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
8E2TX06FP-E VISHAY-8E2TX06FP-E Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
More results

Similar Description - 8E2TL06-E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
VS-8EWL06FN-M3 VISHAY-VS-8EWL06FN-M3 Datasheet
161Kb / 7P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
15AWL06FN-M3 VISHAY-15AWL06FN-M3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
6EWL06FN-E3 VISHAY-6EWL06FN-E3 Datasheet
161Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWL06FN-M3 VISHAY-6EWL06FN-M3 Datasheet
163Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
VS-15AWL06FN-M3 VISHAY-VS-15AWL06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
15AWL06FN-E3 VISHAY-15AWL06FN-E3 Datasheet
147Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
VS-5EWL06FN-M3 VISHAY-VS-5EWL06FN-M3 Datasheet
156Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com