Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0402G0R20FNTR Datasheet(PDF) 4 Page - AVX Corporation

Part # F0402G0R20FNTR
Description  Accu-Guard II Low Current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F0402G0R20FNTR Datasheet(HTML) 4 Page - AVX Corporation

  F0402G0R20FNTR Datasheet HTML 1Page - AVX Corporation F0402G0R20FNTR Datasheet HTML 2Page - AVX Corporation F0402G0R20FNTR Datasheet HTML 3Page - AVX Corporation F0402G0R20FNTR Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6
Accu-Guard® II Low Current
Miniature 0402 Size Thin-Film Fuses
FUSE PRE-ARC JOULE INTEGRALS VS PRE-ARC TIME
Pre-Arc Time, seconds
10 -2
10 -1
10 -3
1
10
10 -6
10 -5
10 -4
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
110
200 mA
150 mA
125 mA
100 mA
75 mA
50 mA
62 mA


Similar Part No. - F0402G0R20FNTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402G0R20FNTR AVX-F0402G0R20FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
F0402G0R20FNTR AVX-F0402G0R20FNTR Datasheet
189Kb / 4P
   Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
More results

Similar Description - F0402G0R20FNTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F0603G0R05FNTR AVX-F0603G0R05FNTR Datasheet
92Kb / 4P
   MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
logo
List of Unclassifed Man...
18811 ETC2-18811 Datasheet
29Kb / 1P
   Accu-Tek Pattern 72 Tweezer
logo
PHOENIX CONTACT
1203903 PHOENIX-1203903 Datasheet
65Kb / 4P
   ASD ACCU 4,0AH
logo
AVX Corporation
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com