Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-022ML8TT86 Datasheet(PDF) 1 Page - Rohm

Part # SML-022ML8TT86
Description  SML-02 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-022ML8TT86 Datasheet(HTML) 1 Page - Rohm

  SML-022ML8TT86 Datasheet HTML 1Page - Rohm SML-022ML8TT86 Datasheet HTML 2Page - Rohm SML-022ML8TT86 Datasheet HTML 3Page - Rohm SML-022ML8TT86 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.05 0.6 1.05
3.0
1.3
2.3
1.0
Cathode mark
Terminal
Green Blue
Red
0.5
Tolerance : ±0.2
(unit : mm)
(unit : mm)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Angular Displacement (deg)
Y’
X’ G
R
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(μA) V
R
(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
SML022BUT
InGaN
Blue
120
30
80*
2
5
-30 to +85
-40 to +100
3.2
20
100
5
464
470
476
20
56
140
20
AlGaInP
on GaAs
Red
75
2
619
624
629
90
220
SML-020MVT
GaAsP
on GaAs
Green
60
25
60*
1
4
-40 to +85
2.2
4
569
572
575
9
20
Red
2
625
630
635
3.6
6.3
SML-022ML8T
AlGaInP
on GaAs
Green
52
20
60*
2
-40 to +100
2.1
569
572
575
16
40
Red
630
635
640
10
20
*1:Duty1/5, 200Hz *2:Duty1/10, 1kHz *3:Reference
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
Y
X
G,B R
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
Y’
X’ G,B
R
RELATIVE INTENSITY (%)
SML-022 Series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE LUMINOUS INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Angular Displacement (deg)
Y
X
G R
RELATIVE INTENSITY (%)
SML-020 Series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
B / R / G
G
R
B / R / G
G / R
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
B U
M V
M L
SML-02 Series
Features
・2-color type with reflector (standard)
3025
(1210)
3.0×2.5mm
(t=1.3mm)
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-022ML8TT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-022ML8T ROHM-SML-022ML8T Datasheet
1Mb / 4P
   2-color type with eflector(standard)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com