Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24T128-W Datasheet(PDF) 4 Page - Rohm

Part # BR24T128-W
Description  High Reliability Serial EEPROMs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T128-W Datasheet(HTML) 4 Page - Rohm

  BR24T128-W Datasheet HTML 1Page - Rohm BR24T128-W Datasheet HTML 2Page - Rohm BR24T128-W Datasheet HTML 3Page - Rohm BR24T128-W Datasheet HTML 4Page - Rohm BR24T128-W Datasheet HTML 5Page - Rohm BR24T128-W Datasheet HTML 6Page - Rohm BR24T128-W Datasheet HTML 7Page - Rohm BR24T128-W Datasheet HTML 8Page - Rohm BR24T128-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Technical Note
4/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Block diagram
Fig.2 Block diagram
●Pin assignment and description
Terminal
Name
Input/
Output
BR24T01-W
BR24T02-W
BR24T04-W
BR24T08-W
BR24T16-W
BR24T32/64/
128/256/512-W
BR24T1M-W
A0
Input
Slave address setting
Don’t use*
Slave address
setting
Don’t use*
A1
Input
Slave address setting
Don’t use*
Slave address setting
A2
Input
Slave address setting
Don’t use*
Slave address setting
GND
Reference voltage of all input / output, 0V
SDA
Input/
output
Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
Vcc
Connect the power source.
*Pins not used as device address may be set to any of ‘H’, 'L', and 'Hi-Z'.
●Characteristic data (The following values are Typ. ones.)
0
1
2
3
4
5
6
0123456
SUPPLY VOLTAGE : Vcc(V)
0
0.2
0.4
0.6
0.8
1
1.2
01
23
45
6
SUPPLYVOLTAGE : Vcc(V)
0
0.2
0.4
0.6
0.8
1
012
3456
L OUTPUT CURRENT : IOL(mA)
0
0.2
0.4
0.6
0.8
1
1.2
01
234
56
SUPPLY VOLTAGE : Vcc(V)
0
0.2
0.4
0.6
0.8
1
01
234
56
L OUTPUT CURRENT : IOL(mA)
Fig.5 'L' output voltage VOL1-IOL(Vcc=1.7V)
0
1
2
3
4
5
6
012
3456
SUPPLY VOLTAGE : Vcc(V)
Fig.6 'L' output voltage VOL2-IOL(Vcc=2.5V)
Fig.7 Input leak current ILI
(A0,A1,A2,SCL,WP)
Fig.8 Output leak current ILO(SDA)
Fig.4 'L' input voltage VIL1
(A0,A1,A2,SCL,SDA,WP)
Fig.3 'H' input voltage VIH1
(A0,A1,A2,SCL,SDA,WP)
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
8
7
6
5
4
3
2
1
SDA
SCL
WP
Vcc
GND
A2
A1
A0
Address
decoder
Word
address register
Data
register
Control circuit
High voltage
generating circuit
Power source
voltage detection
8bit
ACK
START
STOP
1Kbit~1024Kbit
EEPROM
array
*1
*1
*2
*2
*2
13bit
14bit
15bit
16bit
17bit
7bit
8bit
9bit
10bit
11bit
12bit
*1
7bit: BR24T01-W
8bit: BR24T02-W
9bit: BR24T04-W
10bit: BR24T08-W
11bit: BR24T16-W
2
5
6
Vcc
SCL
GND
BR24T01-W
BR24T02-W
BR24T04-W
BR24T08-W
BR24T16-W
BR24T32-W
BR24T64-W
BR24T128-W
BR24T256-W
BR24T512-W
BR24T1M-W
1
3
4
7
8
WP
SDA
A2
A1
A0
12bit: BR24T32-W
13bit: BR24T64-W
14bit: BR24T128-W
15bit: BR24T256-W
16bit: BR24T512-W
17bit: BR24T1M-W
*2
A0= Don't use : BR24T04-W, BR24T1M-W
A0, A1=Don't use: BR24T08-W
A0, A1, A2=Don't use: BR24T16-W


Similar Part No. - BR24T128-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T128-W ROHM-BR24T128-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T128-W ROHM-BR24T128-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128-W ROHM-BR24T128-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128-W ROHM-BR24T128-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128-W ROHM-BR24T128-W Datasheet
430Kb / 22P
   Other devices than EEPROM can be connected to the same port, saving microcontroller port
More results

Similar Description - BR24T128-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com