Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP5680 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FDP5680
Description  60V N-Channel PowerTrench??MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP5680 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FDP5680 Datasheet HTML 7Page - Fairchild Semiconductor FDP5680 Datasheet HTML 8Page - Fairchild Semiconductor FDP5680 Datasheet HTML 9Page - Fairchild Semiconductor FDP5680 Datasheet HTML 10Page - Fairchild Semiconductor FDP5680 Datasheet HTML 11Page - Fairchild Semiconductor FDP5680 Datasheet HTML 12Page - Fairchild Semiconductor FDP5680 Datasheet HTML 13Page - Fairchild Semiconductor FDP5680 Datasheet HTML 14Page - Fairchild Semiconductor FDP5680 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TO-220 Tape and Reel Data and Package Dimensions
August 1999, Rev. B
0.165
TO-220 Tube Packing
Configuration: Figur e 1.0
Note/Comments
Packaging Option
TO-220 Packaging Information
Standard
(no f l ow code )
Packaging type
Rail/Tube
Qty per Tube/Box
45
Box Dimension (mm)
530x130x83
Max qty per Box
1,080
Weight per unit (gm)
1.4378
S62Z
BULK
300
114x102x51
1,500
1.4378
FSCINT Label
FSCINT Label
114mm x 102mm x 51mm
EO70 Immed iate Box
530mm x 130mm x 83mm
Intermediate bo x
300 units per
EO70 box
5 EO70 boxe s per per
Interm ediate Bo x
1500 uni ts maxi mum
qu ant it y per intermediate box
An ti-stati c
Bubbl e Sheet s
45 un it s per Tube
Conduct ive Plas ti c B ag
1080 uni ts maxi mum
qu ant it y per bo x
530mm x 130mm x 83mm
Intermediate bo x
FSCINT Label
12 Tube s per Bag
Note: All dim ensions are in inches
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
1.300
±.015
0.080
0.032
±.003
0.275
0.275
0.160
0.800
0.450
±.030
20.000
+0.031
-0.065
0.123
+0.001
-0.003
LOT:
CBVK741B019
NSID:
FDP7060
D/C1:
D9842
SPEC REV:
B2
SPEC:
QTY:
1080
QA REV:
FAIRCHILD SEMICONDUCTOR CORPORATION
HTB:B
(FSCINT)
FSCINT Labe l samp le
TO-220 Tube
Configuration: Figure 4.0
TO-220 Packaging
Information: Figure 2.0
TO-220 bulk Packing
Configuration: Figure 3.0
2 bag s per Box
Packaging Description:
TO-220 parts are ship ped normally in tube. The tube is
made of PVC plastic treated with anti -stati c agent.These
tubes in standard option are placed inside a dissipative
plastic bag, barcode labeled, and placed inside a box
made of recyclable corrugated pa per. One box contains
two ba gs maximum (see fig. 1.0). And one or several o f
these boxes are placed inside a labeled shipp ing bo x
whic h c omes in different sizes dependi ng on the nu mber
of parts ship ped. The other option comes in bulk as
described in the Packagin g Information table. The unit s in
this option are placed inside a small box laid w ith anti-
static bubble sheet. These smaller boxes are individually
labeled and placed ins ide a larger box (see fig. 3.0).
These larger or intermediate boxes then will b e placed
finally inside a labeled shipping box whic h still comes in
different sizes depending on the number of units shipped.


Similar Part No. - FDP5680

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP5680 ISC-FDP5680 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP5680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com