Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB42AN15A0 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB42AN15A0
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB42AN15A0 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB42AN15A0 Datasheet HTML 1Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 2Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 3Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 4Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 5Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 6Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 7Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 8Page - Fairchild Semiconductor FDB42AN15A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
September 2002
FDP42AN15A0 / FDB42AN15A0 Rev. C
FDP42AN15A0 / FDB42AN15A0
N-Channel PowerTrench® MOSFET
150V, 35A, 42m
Features
•rDS(ON) = 36mΩ (Typ.), VGS = 10V, ID = 12A
•Qg(tot) = 33nC (Typ.), VGS = 10V
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82864
Applications
• DC/DC Converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V Systems
• High Voltage Synchronous Rectifier
• Direct Injection / Diesel Injection Systems
• 42V Automotive Load Control
• Electronic Valve Train Systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive
industry. For a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality
systems certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
150
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
35
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
24
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 43
oC/W)
5
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
90
mJ
PD
Power dissipation
150
W
Derate above 25
oC1.00
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-220,TO-263
1.0
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-220,TO-263
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in
2 copper pad area
43
oC/W
D
G
S
TO-263AB
FDB SERIES
GATE
SOURCE
DRAIN
(FLANGE)
TO-220AB
DRAIN
(FLANGE)
FDP SERIES
GATE
DRAIN
SOURCE


Similar Part No. - FDB42AN15A0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB42AN15A0 ISC-FDB42AN15A0 Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB42AN15A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com