Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1733TLR Datasheet(PDF) 3 Page - Rohm

Part # 2SD1733TLR
Description  Power Transistor (80V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1733TLR Datasheet(HTML) 3 Page - Rohm

  2SD1733TLR Datasheet HTML 1Page - Rohm 2SD1733TLR Datasheet HTML 2Page - Rohm 2SD1733TLR Datasheet HTML 3Page - Rohm 2SD1733TLR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.E
Data Sheet
2SD1898 / 2SD1733
Electrical characteristic curves
0.1
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
1000
100
10
1
Ta=25
°C
VCE=5V
24
08
10
6
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
Fig.2 Grounded emitter output
characteristics
1.0
0
0.8
0.6
0.4
0.2
6mA
5mA
4mA
3mA
2mA
1mA
IB=0mA
Ta=25
°C
0
100
1000
100
0
10
1000
COLLECTOR CURRENT : IC (
mA)
Fig.3 DC current gain vs.
collector current
Ta=25
°C
VCE=3V
1V
0.01
0.1
1.0
2.0
0.2
0.02
0.05
0.5
100
0
10
1000
COLLECTOR CURRENT : IC (
mA)
Fig.4 Collector-emitter saturation
voltage vs. collector current
IC/IB=20/1
Ta=25
°C
10/1
1
2
5
10
20
50 100 200 500 1000
EMITTER CURRENT :
−IE (mA)
Fig.5 Gain bandwidth product vs.
emitter current
500
200
100
50
20
10
5
2
Ta=25
°C
VCE=5V
0.1 0.2
0.5
1
2
5
10
20
50 100
COLLECTOR TO BASE VOLTAGE : VCB (
V)
EMITTER TO BASE VOLTAGE
: VEB (
V)
Fig.6 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
100
1000
10
1
Ta=25
°C
f=1MHz
IE=0A
Ic=0A
Ic Max (Pulse)
Ta=25
°C
Single
non-repetitive
pulse
DC
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
0.1 0.2 0.5 1
2
5 10 20 50100
500
200
1000
10
5
2
1
20m
10m
5m
2m
1m
50m
100m
200m
500m
Fig.7 Safe operating area
(2SD1898)


Similar Part No. - 2SD1733TLR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
More results

Similar Description - 2SD1733TLR

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com