Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB4020P Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDB4020P
Description  P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB4020P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDB4020P Datasheet HTML 1Page - Fairchild Semiconductor FDB4020P Datasheet HTML 2Page - Fairchild Semiconductor FDB4020P Datasheet HTML 3Page - Fairchild Semiconductor FDB4020P Datasheet HTML 4Page - Fairchild Semiconductor FDB4020P Datasheet HTML 5Page - Fairchild Semiconductor FDB4020P Datasheet HTML 6Page - Fairchild Semiconductor FDB4020P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDP4020P Rev. A
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0
8
16
24
32
40
0
246
8
10
-VDS, DRAIN-SOURCE VOLTAGE (V)
-2.0V
-2.5V
-3.0V
-3.5V
VGS = -4.5V
-4.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
25
30
-ID, DIRAIN CURRENT (A)
VGS = -2.0V
-2.5V
-3.0V
-3.5V
-4.0V
-4.5V
0
4
8
12
16
20
0
0.511.5
2
2.533.5
4
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = -5V
0.0001
0.01
1
100
0
0.4
0.8
1.2
1.6
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
o
C
25
o
C
-55
o
C
0
0.04
0.08
0.12
0.16
0.2
1.522.533.5
4
4.5
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -8A
TA = 125
oC
TA = 25
o
C
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
o
C)
ID = -16A
VGS = -4.5V


Similar Part No. - FDB4020P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB4020P FAIRCHILD-FDB4020P Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
FDB4020P KEXIN-FDB4020P Datasheet
51Kb / 2P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
More results

Similar Description - FDB4020P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB4020P KEXIN-KDB4020P Datasheet
51Kb / 2P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
FDT439N FAIRCHILD-FDT439N Datasheet
289Kb / 8P
   N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com