Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393B2K70DM0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M393B2K70DM0
Description  240pin Registered DIMM based on 2Gb D-die
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393B2K70DM0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M393B2K70DM0 Datasheet HTML 3Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 4Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 5Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 6Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 7Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 8Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 9Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 10Page - Samsung semiconductor M393B2K70DM0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
- 7 -
datasheet
DDR3 SDRAM
Rev. 1.3
Registered DIMM
5. Pin Description
NOTE :
* The VDD and VDDQ pins are tied common to a single power-plane on these designs.
6. ON DIMM Thermal Sensor
SCL
SDA
WP/EVENT
SA0
SA1
SA2
SA0
SA1
SA2
EVENT
R1
0
Ω
R2
0
Ω
NOTE : 1. All Samsung RDIMM support Thermal sensor on DIMM
2. When the SPD and the thermal sensor are placed on the module, R1 is placed but R2 is not.
When only the SPD is placed on the module, R2 is placed but R1 is not.
[ Table 1 ] Temperature Sensor Characteristics
Pin Name
Description
Number
Pin Name
Description
Number
CK0
Clock Input, positive line
1
ODT[1:0]
On Die Termination Inputs
2
CK0
Clock Input, negative line
1
DQ[63:0]
Data Input/Output
64
CKE[1:0]
Clock Enables
2
CB[7:0]
Data check bits Input/Output
8
RAS
Row Address Strobe
1
DQS[8:0]
Data strobes
9
CAS
Column Address Strobe
1
DQS[8:0]
Data strobes, negative line
9
WE
Write Enable
1
DM[8:0]/
DQS[17:9]
TDQS[17:9]
Data Masks/ Data strobes,
Termination data strobes
9
S[3:0]
Chip Selects
4
DQS[17:9]
TDQS[17:9]
Data strobes, negative line, Termination data
strobes
9
A[9:0],A11,
A[15:13]
Address Inputs
2\14
RFU
Reserved for Future Use
2
A10/AP
Address Input/Autoprecharge
1
EVENT
Reserved for optional hardware temperature
sensing
1
A12/BC
Address Input/Burst chop
1
TEST
Memory bus test toll (Not Connected and Not
Usable on DIMMs)
1
BA[2:0]
SDRAM Bank Addresses
3
RESET
Register and SDRAM control pin
1
SCL
Serial Presence Detect (SPD) Clock Input
1
VDD
Power Supply
22
SDA
SPD Data Input/Output
1
VSS
Ground
59
SA[2:0]
SPD Address Inputs
3
VREFDQ
Reference Voltage for DQ
1
Par_In
Parity bit for the Address and Control bus
1
VREFCA
Reference Voltage for CA
1
Err_Out
Parity error found on the Address and Control
bus
1
VTT
Termination Voltage
4
VDDSPD
SPD Power
1
Total
240
Grade
Range
Temperature Sensor Accuracy
Units
NOTE
Min.
Typ.
Max.
B
75 < Ta < 95
-
+/- 0.5
+/- 1.0
°C
-
40 < Ta < 125
-
+/- 1.0
+/- 2.0
-
-20 < Ta < 125
-
+/- 2.0
+/- 3.0
-
Resolution
0.25
°C /LSB
-


Similar Part No. - M393B2K70DM0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B2K70BM1 SAMSUNG-M393B2K70BM1 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M393B2K70CM0 SAMSUNG-M393B2K70CM0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
More results

Similar Description - M393B2K70DM0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M378B5773DH0 SAMSUNG-M378B5773DH0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 2Gb D-die
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M393B1G70BH0 SAMSUNG-M393B1G70BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
M393B1G73BH0 SAMSUNG-M393B1G73BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
logo
Hynix Semiconductor
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com