Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1317FHN33 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1317FHN33
Description  32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1317FHN33 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1317FHN33 Datasheet HTML 1Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 2Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 3Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 4Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 5Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 6Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 7Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 8Page - NXP Semiconductors LPC1317FHN33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
LPC1315_16_17_45_46_47
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 20 September 2012
5 of 77
NXP Semiconductors
LPC1315/16/17/45/46/47
32-bit ARM Cortex-M3 microcontroller
5.
Block diagram
(1) Available on LQFP48 and LQFP64 packages only.
(2) CT16B0_CAP1, CT16B1_CAP1, CT32B1_CAP1 inputs available on LQFP64 packages only. CT32B0_CAP0 input available on
LQFP48 and LQFP64 packages only.
Fig 1.
Block diagram
SRAM
8/10/12 kB
ARM
CORTEX-M3
TEST/DEBUG
INTERFACE
HIGH-SPEED
GPIO
AHB TO APB
BRIDGE
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
RESET
SWD, JTAG
LPC1315/16/17
LPC1345/46/47
slave
slave
FLASH
32/48/64 kB
EEPROM
2/4 kB
slave
slave
ROM
16 kB
slave
AHB-LITE BUS
GPIO ports 0/1
CLKOUT
IRC, WDO
SYSTEM OSCILLATOR
POR
PLL0
USB PLL
BOD
12-bit ADC
USART/
SMARTCARD INTERFACE
AD[7:0]
RXD
TXD
CTS, RTS, DTR
SCLK
GPIO PIN INTERRUPT
32-bit COUNTER/TIMER 0
CT32B0_MAT[3:0]
CT32B0_CAP[1:0](2)
32-bit COUNTER/TIMER 1
CT32B1_MAT[3:0]
CT32B1_CAP[1:0](2)
DCD , DSR(1), RI(1)
16-bit COUNTER/TIMER 1
WINDOWED WATCHDOG
TIMER
GPIO GROUP0 INTERRUPT
CT16B1_MAT[1:0]
16-bit COUNTER/TIMER 0
CT16B0_MAT[2:0]
CT16B0_CAP[1:0](2)
CT16B1_CAP[1:0](2)
GPIO pins
GPIO pins
GPIO GROUP1 INTERRUPT
GPIO pins
system bus
SSP0
SCK0, SSEL0,
MISO0, MOSI0
SSP1
SCK1, SSEL1,
MISO1, MOSI1
I2C-BUS
IOCON
SYSTEM CONTROL
PMU
RI TIMER
SCL, SDA
XTALIN XTALOUT
USB DEVICE
CONTROLLER
(LPC1345/46/47)
USB_DP
USB_DM
USB_VBUS
USB_FTOGGLE,
USB_CONNECT
002aag241
master
slave


Similar Part No. - LPC1317FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1317 NXP-LPC1317 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC1317FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U34 NXP-LPC11U34 Datasheet
1Mb / 76P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com