Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393B1G70BH0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M393B1G70BH0
Description  240pin Registered DIMM based on 4Gb B-die
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393B1G70BH0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M393B1G70BH0 Datasheet HTML 7Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 8Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 9Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 10Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 11Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 12Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 13Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 14Page - Samsung semiconductor M393B1G70BH0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
- 11 -
datasheet
DDR3 SDRAM
Rev. 1.5
Registered DIMM
10. Function Block Diagram:
10.1 8GB, 1Gx72 Module (Populated as 1 rank of x4 DDR3 SDRAMs)
DQ[27:24]
DQ[19:16]
DQS8
DQS8
CB[3:0]
DQS
DQS
DQ[3:0]
D8
ZQ
VSS
DQS17
DQS17
CB[7:4]
DQS
DQS
D17
ZQ
VSS
DM
DQ[3:0]
DM
DQS3
DQS3
DQ[27:24]
DQS
DQS
DQ[3:0]
D3
ZQ
VSS
DQS12
DQS12
DQ[31:28]
DQS
DQS
D12
ZQ
VSS
DM
DQ[3:0]
DM
DQS8
DQS2
DQ[19:16]
DQS
DQS
DQ[3:0]
D2
ZQ
VSS
DQS11
DQS11
DQ[23:20]
DQS
DQS
D11
ZQ
VSS
DM
DQ[3:0]
DM
DQS1
DQS1
DQ[11:8]
DQS
DQS
DQ[3:0]
D1
ZQ
VSS
DQS10
DQS10
DQ[15:12]
DQS
DQS
D10
ZQ
VSS
DM
DQ[3:0]
DM
DQS0
DQS0
DQ[3:0]
DQS
DQS
DQ[3:0]
D0
ZQ
VSS
DQS9
DQS9
DQ[7:4]
DQS
DQS
D9
ZQ
VSS
DM
DQ[3:0]
DM
DQS4
DQS4
DQ[35:32]
DQS
DQS
DQ[3:0]
D4
ZQ
VSS
DQS13
DQS13
DQ[39:36]
DQS
DQS
D13
ZQ
VSS
DM
DQ[3:0]
DM
DQS5
DQS5
DQ[43:40]
DQS
DQS
DQ[3:0]
D5
ZQ
VSS
DQS14
DQS14
DQ[47:44]
DQS
DQS
D14
ZQ
VSS
DM
DQ[3:0]
DM
DQS6
DQS6
DQ[51:48]
DQS
DQS
DQ[3:0]
D6
ZQ
VSS
DQS15
DQS15
DQ[55:52]
DQS
DQS
D15
ZQ
VSS
DM
DQ[3:0]
DM
DQS7
DQS7
DQ[59:56]
DQS
DQS
DQ[3:0]
D7
ZQ
VSS
DQS16
DQS16
DQ[63:60]
DQS
DQS
D16
ZQ
VSS
DM
DQ[3:0]
DM
Vtt
Vtt
VSS
VDD
D0 - D17
VREFCA
VDDSPD
Serial PD
VTT
VREFDQ
D0 - D17
D0 - D17
D0 - D17
NOTE :
1. Unless otherwise noted, resistor values are 15
 5%.
2. See the wiring diagrams for all resistors associated with the command, address
and control bus.
3. ZQ resistors are 240
 1% . For all other resistor values refer to the appropriate
wiring diagram.
1:2
R
E
G
I
S
T
E
R
S1*
BA[N:0]
A[N:0]
RAS
CAS
WE
CKE0
RESET**
RST** : SDRAMs D[17:0]
RBA[N:0]A -> BA[N:0] : SDRAMs D[3:0], D[12:8], D17
RA[N:0]A -> A[N:0] : SDRAMs D[3:0], D[12:8], D17
RRASA -> RAS : SDRAMs D[3:0], D[12:8], D17
RCASA -> CAS : SDRAMs D[3:0], D[12:8], D17
RCKE0A -> CKE0 : SDRAMs D[3:0], D[12:8], D17
PAR_IN
S0*
RS0A-> CS0 : SDRAMs D[3:0], D[12:8], D17
RBA[N:0]B -> BA[N:0] : SDRAMs D[7:4], D[16:13]
RA[N:0]B -> A[N:0] : SDRAMs D[7:4], D[16:13]
RRASB -> RAS : SDRAMs D[7:4], D[16:13]
RCASB -> CAS : SDRAMs D[7:4], D[16:13]
RWEA -> WE : SDRAMs D[3:0], D[12:8], D17
RWEB -> WE : SDRAMs D[7:4], D[16:13]
RCKE0B -> CKE0 : SDRAMs D[7:4], D[16:13]
PCK0A -> CK : SDRAMs D[3:0], D[12:8], D17
PCK0B -> CK : SDRAMs D[7:4], D[16:13]
Err_out
RST
CK0
ODT0
RODT0A -> ODT0 : SDRAMs D[3:0], D[12:8], D17
RODT0B -> ODT0 : SDRAMs D[7:4], D[16:13]
CK0
PCK0A -> CK : SDRAMs D[3:0], D[12:8], D17
PCK0B -> CK : SDRAMs D[7:4], D[16:13]
RS0B-> CS0 : SDRAMs D[7:4], D[16:13]
A0
Thermal sensor with SPD
A1 A2
SA0 SA1 SA2
SCL
SDA
EVENT
EVENT
S[3:2] NC
120
CK1
CK1
120


Similar Part No. - M393B1G70BH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1G70EM1 SAMSUNG-M393B1G70EM1 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M393B1G70QH0-CMA SAMSUNG-M393B1G70QH0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M393B1G70QH0-YK0 SAMSUNG-M393B1G70QH0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M393B1G70BH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1G73BH0 SAMSUNG-M393B1G73BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
logo
Hynix Semiconductor
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8A HYNIX-HMT451R7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com