Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1182 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1182
Description  Medium power transistor (32V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1182 Datasheet(HTML) 1 Page - Rohm

  2SB1182 Datasheet HTML 1Page - Rohm 2SB1182 Datasheet HTML 2Page - Rohm 2SB1182 Datasheet HTML 3Page - Rohm 2SB1182 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Medium power transistor (
32V, 2A)
2SB1188 / 2SB1182 / 2SB1240
Features
Dimensions (Unit : mm)
1) Low VCE(sat).
VCE(sat) =
0.5V (Typ.)
(IC/IB =
2A / 0.2A)
2) Complements the 2SD1766 / 2SD1758 / 2SD1862.
Structure
Epitaxial planar type
PNP silicon transistor
Absolute maximum ratings (Ta=25
C)
1 Single pulse, Pw=100ms
2 When mounted on a 40×40×0.7 mm ceramic board.
3 Printed circuit board, 1.7mm thick, collector copper plating 100mm2 or larger.
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
−40
V
V
V
A(DC)
W
W
W (Tc
=25
°C)
W
°C
°C
−32
−5
−2
IC
A (Pulse)
−3
0.5
2
10
1
2
1
3
2SB1188
2SB1182
2SB1240
150
−55 to 150
Symbol
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
(1) Base
(2) Collector
(3) Emitter
ROHM : CPT3
EIAJ : SC-63
2SB1188
2SB1240
2SB1182
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
(1) Emitter
(2) Collector
(3) Base
ROHM :
ATV
6.8
±0.2
2.5
±0.2
1.05
0.45
±0.1
2.54 2.54
0.5
±0.1
(1)
(2)
(3)
0.65Max.
−0.05
+0.1
−0.1
+0.2
+0.2
−0.1
(3)
(2)
(1)
3.0
±0.2
1.5
±0.1
1.5
±0.1
0.4
±0.1
0.5
±0.1
0.4
±0.1
0.4
1.5
4.5
1.6
±0.1
−0.1
+0.2
−0.1
+0.2
2.3
±0.2
2.3
±0.2
0.65
±0.1
0.9
0.75
1.0
±0.2
0.55
±0.1
2.3
0.5
±0.1
6.5
±0.2
5.1
C0.5
(3)
(2)
(1)
Abbreviated symbol: BC
Denotes hFE


Similar Part No. - 2SB1182

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
93Kb / 4P
   Medium power Transistor(-32V, -2A)
logo
Jiangsu Changjiang Elec...
2SB1182 JIANGSU-2SB1182 Datasheet
1Mb / 4P
   TO-252-2L(4R) Plastic-Encapsulate Transistors
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1182 ROHM-2SB1182 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
2SB1182 ROHM-2SB1182 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
More results

Similar Description - 2SB1182

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com