Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0402 Datasheet(PDF) 4 Page - TDK Electronics

Part # CC0402
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC0402 Datasheet(HTML) 4 Page - TDK Electronics

  CC0402 Datasheet HTML 1Page - TDK Electronics CC0402 Datasheet HTML 2Page - TDK Electronics CC0402 Datasheet HTML 3Page - TDK Electronics CC0402 Datasheet HTML 4Page - TDK Electronics CC0402 Datasheet HTML 5Page - TDK Electronics CC0402 Datasheet HTML 6Page - TDK Electronics CC0402 Datasheet HTML 7Page - TDK Electronics CC0402 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
CGB2(1005) [EIA CC0402]
JB
X5R
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
220,000
470,000
1,000,000
2,200,000
224
474
105
225
220,000
470,000
1,000,000
224
474
105
K : ±10%
M : ±20%
K : ±10%
M : ±20%
K : ±10%
M : ±20%
K : ±10%
M : ±20%
X6S
X7S
1A
(10V)
0J
(6.3V)
0G
(4V)
0J
(6.3V)
0G
(4V)
0.33 mm max.
0.22 mm max.
CGB3(1608) [EIA CC0603]
JB
X5R
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
470,000
1,000,000
2,200,000
4,700,000
10,000,000
4
474
105
225
475
106
X6S
X7R
X7S
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1,000,000
2,200,000
4,700,000
105
225
475
0.55 mm max.
0.65 mm max.
Capacitance Range Chart
Temperature Characteristics: JB (±10%), X5R (±15%), X6S (±22%), X7S (±22%)
Rated Voltage: 25V (1E), 16V (1C), 10V (1A), 6.3V (0J), 4V (0G)
Capacitance Range Chart
Temperature Characteristics: JB (±10%), X5R (±15%), X6S (±22%), X7R (±15%), X7S (±22%)
Rated Voltage: 25V (1E), 16V (1C), 10V (1A), 6.3V (0J), 4V (0G)
Standard Thickness
Standard Thickness
CGB1(0603) [EIA CC0201]
100,000
104
X5R
X6R
0J
(6.3V)
0G
(4V)
M : ±20%
Capacitance Range Chart
Temperature Characteristics: X5R (±15%), X6S (±22%)
Rated Voltage: 6.3V (0J), 4V (0G)
Standard Thickness
0.22 mm
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_lowprofile_en


Similar Part No. - CC0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0402 ETC1-CC0402 Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
CC0402 ETC2-CC0402 Datasheet
448Kb / 7P
   CAPACITORS
logo
TDK Electronics
CC0402 TDK-CC0402 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
logo
Silicon Laboratories
CC0402 SILABS-CC0402 Datasheet
671Kb / 38P
   Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
logo
List of Unclassifed Man...
CC0402ANPO110D ETC2-CC0402ANPO110D Datasheet
448Kb / 7P
   CAPACITORS
More results

Similar Description - CC0402

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com