Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3320C-EZK Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3320C-EZK
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3320C-EZK Datasheet(HTML) 1 Page - SMSC Corporation

  USB3320C-EZK Datasheet HTML 1Page - SMSC Corporation USB3320C-EZK Datasheet HTML 2Page - SMSC Corporation USB3320C-EZK Datasheet HTML 3Page - SMSC Corporation USB3320C-EZK Datasheet HTML 4Page - SMSC Corporation USB3320C-EZK Datasheet HTML 5Page - SMSC Corporation USB3320C-EZK Datasheet HTML 6Page - SMSC Corporation USB3320C-EZK Datasheet HTML 7Page - SMSC Corporation USB3320C-EZK Datasheet HTML 8Page - SMSC Corporation USB3320C-EZK Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
SMSC USB3320
Revision 1.0 (07-14-09)
DATASHEET
Datasheet
PRODUCT FEATURES
USB3320
Highly Integrated Full Featured
Hi-Speed USB 2.0 ULPI
Transceiver
Integrated ESD protection circuits
— Up to ±15kV IEC Air Discharge without external
devices
Over-Voltage Protection circuit (OVP) protects the
VBUS pin from continuous DC voltages up to 30V
Integrated USB Switch
— No degradation of Hi-Speed electrical
characteristics
— Allows single USB port of connection by
providing switching function for:
– Battery charging
– Stereo and mono/mic audio
– USB Full-Speed/Low-Speed data
flexPWR® Technology
— Low current design ideal for battery powered
applications
— “Sleep” mode tri-states all ULPI pins and places
the part in a low current state
— 1.8V to 3.3V IO Voltage (±10%)
Integrated battery to 3.3V regulator
— 2.2uF bypass capacitor
— 100mV dropout voltage
“Wrapper-less” design for optimal timing performance
and design ease
— Low Latency Hi-Speed Receiver (43 Hi-Speed
clocks Max) allows use of legacy UTMI Links with
a ULPI bridge
Selectable Reference Clock Frequency
— Frequencies: 12, 13, 19.2, 24, 26, 27, 38.4, 52 or
60MHz - pin selectable
External Reference Clock operation available
— ULPI Input Clock Mode (60MHz sourced by Link)
— 0 to 3.6V input drive tolerant
— Able to accept “noisy” clock sources as reference
to internal, low-jitter PLL
Internal Oscillator operation available
— This mode requires external Quartz Crystal or
Ceramic Resonator
Smart detection circuits allow identification of USB
charger, headset, or data cable insertion
Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go
Supplement Revision 2.0 specification
Supports Headset Audio Mode
Supports the OTG Host Negotiation Protocol (HNP)
and Session Request Protocol (SRP)
UART mode for non-USB serial data transfers
Internal 5V cable short-circuit protection of ID, DP
and DM lines to VBUS or ground
Industrial Operating Temperature -40
°C to +85°C
32 pin, QFN Lead-free RoHS Compliant Package
(5 x 5 x 0.90 mm height)
Applications
The USB3320 is targeted for any application where a Hi-
Speed USB connection is desired and when board
space, power, and interface pins must be minimized.
The USB3320 is well suited for:
Networking
Audio Video
Medical
Industrial Computers
Printers
Repeaters
Communication


Similar Part No. - USB3320C-EZK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3320C-EZK MICROCHIP-USB3320C-EZK Datasheet
1Mb / 70P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 70P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
More results

Similar Description - USB3320C-EZK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
USB3320 MICROCHIP-USB3320 Datasheet
1Mb / 70P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
   ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com