Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8302ABGCR Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8302ABGCR
Description  2.5W Filterless Class-D Mono Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302ABGCR Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8302ABGCR Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Power Analog Microelectronics, Inc
Electrical Characteristic
V =5V, Gain = 24dB, R =4Ω,T =25
°C,unless otherwise noted.
DD
L
A
www.poweranalog.com
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
2.5
5.5
V
Quiescent Current
IQ
No Load
4
8
mA
Shutdown Current
ISHDN
VSHDN=0V
1
µA
VDD=5V
2.25
2.50
f=1kHz, RL=4Ω
THD+N=10%
VDD=3.6V
1.10
1.25
VDD=5V
1.80
2.00
f=1kHz, RL=4Ω
THD+N=1%
VDD=3.6V
0.86
0.95
VDD=5V
1.35
1.50
f=1kHz, RL=8Ω
THD+N=10%
VDD=3.6V
0.72
0.80
VDD=5V
1.15
1.30
Output Power
PO
F=1kHz, RL=8Ω
THD+N=1%
VDD=3.6V
0.6
0.65
W
Peak Efficiency
η
f=1kHz
85
88
%
RL = 8Ω,PO=0.1W, f=1kHz
0.30
0.35
RL = 8Ω,PO=0.5W, f=1kHz
0.45
0.50
RL = 4Ω,PO=0.1W, f=1kHz
0.35
0.40
Total Harmonic Distortion Plus
Noise
THD+N
RL = 4Ω,PO=0.5W, f=1kHz
0.40
0.45
%
Gain
Gv
22.5
24
25.5
dB
Power Supply Ripple Rejection
PSRR
No input, f=1kHz, Vpp=200mV
45
50
dB
Dynamic Range
Dyn
f=20 to 20kHz
85
90
dB
Signal to Noise Ratio
SNR
f =20 to 20kHz
75
80
dB
No A-weighting
180
300
Noise
Vn
A-weighting
120
200
µV
Oscillator Frequency
fOSC
200
250
300
kHz
P MOSFET
0.45
0.50
Drain-Source On-State
Resistance
RDS(ON)
IDS=100mA
N MOSFET
0.20
0.25
Ω
SHDN Input High
VSH
1.2
V
SHDN Input Low
VSL
0.4
V
Over Temperature Protection
OTP
junction temperature
120
135
°C
Over Temperature Hysteresis
OTH
30
°C
09/2011 Rev1.5


Similar Part No. - PAM8302ABGCR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302AADCR PAM-PAM8302AADCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AADCR DIODES-PAM8302AADCR Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302AASCR PAM-PAM8302AASCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results

Similar Description - PAM8302ABGCR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com