Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8302AAYCR Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8302AAYCR
Description  2.5W Filterless Class-D Mono Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302AAYCR Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8302AAYCR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 11Page - Power Analog Micoelectronics PAM8302AAYCR Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
09/2011 Rev1.5
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
Notes
1. The AP AUX-0025 low pass filter is necessary for every class-D amplifier measurement
with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for
efficiency measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8302A Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System Two
Analyzer
GND
-OUT
VDD
Power Supply


Similar Part No. - PAM8302AAYCR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8302AAYCR PAM-PAM8302AAYCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AAYCR DIODES-PAM8302AAYCR Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
More results

Similar Description - PAM8302AAYCR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com