Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8007 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8007 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Typical Operating Characteristics (continued)
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
3. THD+N vs Frequency
1. THD+N vs Output Power
2. THD+N vs Output Power
6. Crosstalk vs Frequency
Earphone Output
5. PSRR vs Frequency
4. THD+N vs Frequency
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1u
100m
2u
5u
10u
20u
50u
100u
200u
500u
1m
2m
5m
10m
20m
50m
W
RL=16
Ω
VDD=5V
f=100Hz
f=1kHz
f=10kHz
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1u
100m
2u
5u
10u
20u
50u
100u
200u
500u
1m
2m
5m
10m
20m
50m
W
RL=32
Ω
VDD=5V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=16
Ω
Po=1mW/10mW/60mW
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
H
z
VDD=5V
RL=32
Ω
Po=1mW/10mW/50mW
-90
+0
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
T
f=100Hz
f=1kHz
f=10kHz
Po=1mW
Po=10mW
Po=10mW
Po=50mW
Po=10mW
Po=1mW
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TTT TT TTTTTTTT T
T
T TT T T T TTT TTTTTT T
T
TTTTTT TT
T TT T TTT
TTT TTTTT TT TTT
T
T
T T TTTTTT TT T T
T
T
TTTTTT TTT
TT T
T T
TTTTT TT TT TTTT TT TT TT
T TTT T TT TT
T T
T TTTTTTTT T T T
T
T
T
T TTTTTTTT TTT T
TTTTT
T TTTT TT T T
TTTTTTTTT T T T TT
L to R
R to L
01/2012 Rev1.2


Similar Part No. - PAM8007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007DHR DIODES-PAM8007DHR Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007NHR DIODES-PAM8007NHR Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
More results

Similar Description - PAM8007

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
   ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
logo
Eutech Microelectronics...
EUA2035 EUTECH-EUA2035 Datasheet
150Kb / 1P
   3W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
   3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
Eutech Microelectronics...
EUA2075 EUTECH-EUA2075 Datasheet
795Kb / 1P
   2.8W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com