Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8004 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8004
Description  Filterless 3W Class-D Stereo Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8004 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8004 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8004 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Electrical Characteristic
V =5V, Gain=24dB, R =8Ω, T =25
, unless otherwise noted.
DD
L
A
°C
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8004
Filterless 3W Class-D Stereo Audio Amplifier
Symbol
Parameter
Test Conditions
MIN
TYP
MAX UNIT
VIN
Supply Power
2.5
5.5
V
THD+N=10%,f=1kHz, RL=4 Ω
VDD=5.0V
2.5
W
THD+N=1%,f=1kHz, RL=4 Ω
VDD=5.0V
2.2
W
THD+N=10%,f=1kHz, RL=8 Ω
VDD=5.0V
1.65
W
Po
Output Power
THD+N=1%,f=1kHz, RL=8 Ω
VDD=5.0V
1.3
W
VDD=5.0V,Po=0.5W,RL=8 Ω
0.16
VDD=3.6V,Po=0.5W,RL=8 Ω
f=1kHz
0.12
%
VDD=5.0V,Po=1W,RL=4 Ω
0.17
THD+N
Total Harmonic Distortion Plus
Noise
VDD=3.6V,Po=1W,RL=4 Ω
f=1kHz
0.26
%
PSRR
Power Supply Ripple Rejection
VDD=5.0V, Inputs ac-grounded with
CIN=0.47µF,Gv=6dB
f=1kHz
-70
dB
Cs
Crosstalk
VDD=5V,Po=0.5W,RL=8Ω,Gv=20dB
F=1kHz
-93
dB
SNR
Signal-to-noise ratio
VDD=5V, Gv=6dB
f=1kHz
86
dB
A-weighting
33
Vn
Output noise
VDD=5V, Inputs ac-grounded with
CIN=0.47µF,Gv=6dB
No A-weighting
50
µV
RL=8Ω, THD=10%
87
η
Efficiency
RL=4Ω, THD=10%
f=1kHz
79
%
VDD=5.0V
4.5
7
VDD=3.6V
4
6.5
IQ
Quiescent Current
VDD=3.0V
No load
3.7
5.5
mA
ISD
Shutdown Current
VDD=2.5V to 5.5V
1
µA
PMOS
0.41
Rdson
Static Drain-to-source On-state
Resistor
IDS=500mA,Vgs=5V
NMOS
0.27
fsw
Switching Frequency
VDD=3V to 5V
210
kHz
Vos
Output Offset Voltage
Vin=0V, VDD=5V
10
mV
VIH
Enable Input High Voltage
VDD=5.0V
1.5
VIL
Enable Input Low Voltage
VDD=5.0V
0.4
V
OTP
Over Temperature Protection
150
OTH
Over Temperature Hysterisis
No Load, Junction Temperature
VDD=5V
30
°C
08/2010 Rev1.0


Similar Part No. - PAM8004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8004DR DIODES-PAM8004DR Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
More results

Similar Description - PAM8004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
SHENZHEN FUMAN ELECTRON...
TC8403B FUMAN-TC8403B Datasheet
364Kb / 9P
   3W Filterless Class D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8404 PAM-PAM8404 Datasheet
347Kb / 18P
   3W/CH Filterless Stereo Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8404 DIODES-PAM8404 Datasheet
707Kb / 18P
   3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com