Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDN361 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDN361
Description  N-Channel, Logic Level, PowerTrench課?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN361 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDN361 Datasheet HTML 1Page - Fairchild Semiconductor FDN361 Datasheet HTML 2Page - Fairchild Semiconductor FDN361 Datasheet HTML 3Page - Fairchild Semiconductor FDN361 Datasheet HTML 4Page - Fairchild Semiconductor FDN361 Datasheet HTML 5Page - Fairchild Semiconductor FDN361 Datasheet HTML 6Page - Fairchild Semiconductor FDN361 Datasheet HTML 7Page - Fairchild Semiconductor FDN361 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSOT-3 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empty pockets
SSOT-3 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SSOT-3 Std Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183 343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0097
0.0097
Weight per Reel (kg)
0.1230
0.4150
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
Human Readable
Label
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SSOT-3 Std Unit Orientation
3P
3P
3P
3P
Customize Label
Human Readable
Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SSOT-3 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchild logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SuperSOTTM-3 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


Similar Part No. - FDN361

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
Fairchild Semiconductor
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN361BN UMW-FDN361BN Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
More results

Similar Description - FDN361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com