Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTK3142PT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTK3142PT1G
Description  Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTK3142PT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTK3142PT1G Datasheet HTML 1Page - ON Semiconductor NTK3142PT1G Datasheet HTML 2Page - ON Semiconductor NTK3142PT1G Datasheet HTML 3Page - ON Semiconductor NTK3142PT1G Datasheet HTML 4Page - ON Semiconductor NTK3142PT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTK3142P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
Figure 7. Capacitance Variation
0.1
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Resistive Switching Time
Variation vs. Gate Resistance
VGS = 0 V
Figure 9. Diode Forward Voltage vs. Current
1.1
0.6
0.3
RG, GATE RESISTANCE (OHMS)
1
10
100
100
1
VDD = −5 V
ID = −10 mA
VGS = −4.5 V
tr
td(on)
1000
tf
td(off)
0.2
0.4
0.7
0.5
10
0.9
0.8
125°C
TJ = 150°C
25°C −40°C
−DRAIN−TO−SOURCE VOLTAGE (V)
0
5
10
15
20
30
0
2.5
5
7.5
10
12.5
15
TJ = 25°C
VGS = 0 V
Ciss
Crss
Coss
25
17.5
20
1.0


Similar Part No. - NTK3142PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTK3142P ONSEMI-NTK3142P Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NTK3142PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTK3139P ONSEMI-NTK3139P Datasheet
59Kb / 5P
   Power MOSFET ??0 V, ??80 mA, Single P?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
   Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
logo
Leshan Radio Company
LNTK3043PT5G LRC-LNTK3043PT5G Datasheet
235Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
First Silicon Co., Ltd
FTK3043P FS-FTK3043P Datasheet
318Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTS4409N ONSEMI-NTS4409N Datasheet
65Kb / 6P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection, SC??0/SOT??23
January, 2006 ??Rev. 2
logo
Leshan Radio Company
LNTK3043NT5G LRC-LNTK3043NT5G Datasheet
169Kb / 5P
   20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTK3043N ONSEMI-NTK3043N Datasheet
60Kb / 5P
   Power MOSFET 20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
April, 2006 ??Rev. 3
NTK3134N ONSEMI-NTK3134N Datasheet
59Kb / 5P
   Power MOSFET 20 V, 890 mA, Single N?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com