Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDN360 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDN360
Description  Single P-Channel PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN360 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDN360 Datasheet HTML 1Page - Fairchild Semiconductor FDN360 Datasheet HTML 2Page - Fairchild Semiconductor FDN360 Datasheet HTML 3Page - Fairchild Semiconductor FDN360 Datasheet HTML 4Page - Fairchild Semiconductor FDN360 Datasheet HTML 5Page - Fairchild Semiconductor FDN360 Datasheet HTML 6Page - Fairchild Semiconductor FDN360 Datasheet HTML 7Page - Fairchild Semiconductor FDN360 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDN360P Rev. D
FDN360P
Single P-Channel PowerTrenchTM MOSFET
General Description
This P-Channel Logic Level MOSFET is produced using
Fairchild Semiconductor's advanced PowerTrench process
that has been especially tailored to minimize on-state
resistance and yet maintain superior switching
performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and
fast switching are required.
Applications
DC/DC converter
Load switch
Motor drives
February 1999
Features
-2 A, -30 V. R
DS(on)
= 0.080
Ω @ V
GS
= -10 V
R
DS(on)
= 0.125
Ω @ V
GS
= -4.5 V.
Low gate charge (5nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
High power and current handling capability.
©1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1a)
-2
A
- Pulsed
-20
PD
Power Dissipation for Single Operation
(Note 1a)
0.5
W
(Note 1b)
0.46
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
360
FDN360P
7’’
8mm
3000 units
G
D
S
SuperSOT -3
TM
D
S
G


Similar Part No. - FDN360

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDN360 UMW-FDN360 Datasheet
376Kb / 5P
   Single P-Channel MOSFET
logo
ON Semiconductor
FDN360P ONSEMI-FDN360P Datasheet
259Kb / 7P
   Single P-Channel, PowerTrench MOSFET
November-2018, Rev. 7
logo
Guangdong Youtai Semico...
FDN360P UMW-FDN360P Datasheet
376Kb / 5P
   Single P-Channel MOSFET
More results

Similar Description - FDN360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com