Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA18 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPSA18
Description  Low Noise Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA18 Datasheet(HTML) 1 Page - Motorola, Inc

  MPSA18 Datasheet HTML 1Page - Motorola, Inc MPSA18 Datasheet HTML 2Page - Motorola, Inc MPSA18 Datasheet HTML 3Page - Motorola, Inc MPSA18 Datasheet HTML 4Page - Motorola, Inc MPSA18 Datasheet HTML 5Page - Motorola, Inc MPSA18 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Low Noise Transistor
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
45
Vdc
Collector – Base Voltage
VCBO
45
Vdc
Emitter – Base Voltage
VEBO
6.5
Vdc
Collector Current — Continuous
IC
200
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA(1)
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(2)
(IC = 10 mAdc, IB = 0)
V(BR)CEO
45
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
45
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
6.5
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
1.0
50
nAdc
1. R
θJA is measured with the device soldered into a typical printed circuit board.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPSA18/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSA18
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
Motorola Preferred Device
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPSA18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSA18 FAIRCHILD-MPSA18 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
logo
ON Semiconductor
MPSA18 ONSEMI-MPSA18 Datasheet
85Kb / 5P
   Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
logo
Central Semiconductor C...
MPSA18 CENTRAL-MPSA18 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
ON Semiconductor
MPSA18G ONSEMI-MPSA18G Datasheet
85Kb / 5P
   Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
More results

Similar Description - MPSA18

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2484LT1 MOTOROLA-MMBT2484LT1 Datasheet
291Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G Datasheet
196Kb / 5P
   Low Noise Transistor
August, 2009 ??Rev. 4
logo
Yea Shin Technology Co....
MMBT5087 YEASHIN-MMBT5087 Datasheet
836Kb / 7P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G_16 Datasheet
227Kb / 5P
   Low Noise Transistor
October, 2016 ??Rev. 5
MMBT5087LT1 ONSEMI-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
logo
Leshan Radio Company
LMBT5087LT1 LRC-LMBT5087LT1 Datasheet
144Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT5087L ONSEMI-MMBT5087L Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
logo
Fairchild Semiconductor
KST5088MTF FAIRCHILD-KST5088MTF Datasheet
62Kb / 5P
   Low Noise Transistor
KST5087MTF FAIRCHILD-KST5087MTF Datasheet
63Kb / 4P
   Low Noise Transistor
KST5088 FAIRCHILD-KST5088 Datasheet
56Kb / 5P
   Low Noise Transistor
logo
Motorola, Inc
MMBT5087LT1 MOTOROLA-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com