Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV612SQ33T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV612SQ33T2G
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70-5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV612SQ33T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV612SQ33T2G Datasheet HTML 1Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 2Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 3Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 4Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 5Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 6Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 7Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 8Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP612, NCV612
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
(Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25C, unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
Output Voltage (TA = −40C to 125C, Iout = 10 mA) NCV612 Only
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
5.0 V
Vout
1.440
1.728
2.400
2.592
2.688
2.880
2.976
3.201
4.850
1.5
1.8
2.5
2.7
2.8
3.0
3.1
3.3
5.0
1.560
1.872
2.600
2.808
2.912
3.120
3.224
3.399
5.150
V
Output Voltage (TA = −40C to 85C, Iout = 100 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
3.7 V
5.0 V
Vout
1.440
1.728
2.400
2.592
2.688
2.880
2.976
3.201
3.589
4.850
1.5
1.8
2.5
2.7
2.8
3.0
3.1
3.3
3.7
5.0
1.560
1.872
2.600
2.808
2.912
3.120
3.224
3.399
3.811
5.150
V
Line Regulation (Iout = 10 mA)
1.5 V−4.4 V (Vin = Vout(nom.) + 1.0 V to 6.0 V)
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
1.0
1.0
3.0
3.0
mV/V
Load Regulation (Iout = 1.0 mA to 100 mA)
Regload
0.3
0.8
mV/mA
Output Current (Vout = (Vout at Iout = 100 mA) −3%)
1.5 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
100
100
200
200
mA
Dropout Voltage (TA = −40C to 85C, Iout = 100 mA,
Measured at Vout(nom) −3.0%)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
3.7 V
5.0 V
Vin−Vout
530
420
270
270
250
230
210
200
180
160
680
560
380
380
380
380
380
380
380
300
mV
Ground Current
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IGND
40
90
mA
Quiescent Current (TA = −40C to 85C)
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.03
40
1.0
90
mA
Output Short Circuit Current (Vout = 0 V)
1.5 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
300
300
600
600
mA
Output Voltage Noise (f = 100 Hz to 100 kHz)
Iout = 30 mA, Cout = 1 mF
Vn
100
mVrms
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
0.95
0.3
V
Output Voltage Temperature Coefficient
TC
"100
ppm/C
3. Maximum package power dissipation limits must be observed.
PD +
TJ(max) *TA
RqJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCV612SQ33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV612SQ33T2G ONSEMI-NCV612SQ33T2G Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
More results

Similar Description - NCV612SQ33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com