Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN2406L Datasheet(PDF) 2 Page - ON Semiconductor

Part # VN2406L
Description  Small Signal MOSFET 200 mAmps, 240 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

VN2406L Datasheet(HTML) 2 Page - ON Semiconductor

  VN2406L Datasheet HTML 1Page - ON Semiconductor VN2406L Datasheet HTML 2Page - ON Semiconductor VN2406L Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VN2406L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
STATIC CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0, ID = 100 μA)
V(BR)DSS
240
Vdc
Zero Gate Voltage Drain Current
(VDS = 120 Vdc, VGS = 0)
(VDS = 120 Vdc, VGS = 0, TA = 125°C)
IDSS
10
500
μAdc
Gate− Body Leakage
(VDS = 0, VGS = ±15 V)
IGSS
±100
nAdc
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mA)
VGS(th)
0.8
2.0
Vdc
On−State Drain Current (Note 1)
(VGS = 10 V, VDS ≥ 2.0 VDS(on))
ID(on)
1.0
Adc
Drain−Source On Resistance (Note 1)
(VGS = 2.5 V, ID = 0.1 A)
(VGS = 10 V, ID = 0.5 A)
rDS(on)
10
6.0
Ω
Forward Transconductance (Note 1)
(VDS = 10 V, ID = 0.5 A)
gfs
300
mS
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0,
f = 1.0 MHz)
Ciss
125
pF
Output Capacitance
Coss
50
pF
Reverse Transfer Capacitance
Crss
20
pF
SWITCHING CHARACTERISTICS
Turn−On Time
(VDD = 60 Vdc, ID = 0.4 A,
RL = 150 Ω, RG = 25 Ω)
t(on)
8.0
ns
t(r)
8.0
ns
Turn−Off Time
t(off)
23
ns
t(f)
34
ns
1. Pulse Test; Pulse Width < 300 μs, Duty Cycle v 2.0%.


Similar Part No. - VN2406L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
VN2406L MOTOROLA-VN2406L Datasheet
57Kb / 4P
   TMOS FET Transistor
logo
Supertex, Inc
VN2406L SUTEX-VN2406L Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
VN2406L VISHAY-VN2406L Datasheet
54Kb / 5P
   N-Channel 240-V (D-S) MOSFETs
Rev. F, 16-Jul-01
logo
New Jersey Semi-Conduct...
VN2406L NJSEMI-VN2406L Datasheet
139Kb / 2P
   N-Channel Enhancement-Mode
logo
Supertex, Inc
VN2406L-G SUTEX-VN2406L-G Datasheet
559Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - VN2406L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7000G ONSEMI-2N7000G Datasheet
92Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts
April, 2011 ??Rev. 8
BS107 ONSEMI-BS107_07 Datasheet
71Kb / 4P
   Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
BS107 ONSEMI-BS107 Datasheet
52Kb / 8P
   Small Signal MOSFET 250 mAmps, 200 Volts
November, 2000 ??Rev. 2
BS107 ONSEMI-BS107_04 Datasheet
56Kb / 6P
   Small Signal MOSFET 250 mAmps, 200 Volts
December, 2004 ??Rev. 4
BS108 ONSEMI-BS108_11 Datasheet
97Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
April, 2011 ??Rev. 4
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
BS108 ONSEMI-BS108 Datasheet
50Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
February, 2006 ??Rev. 2
BS107A ONSEMI-BS107A Datasheet
99Kb / 4P
   Small Signal MOSFET 250 mAmps, 200 Volts N.Channel TO.92
April, 2011 ??Rev. 6
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
First Silicon Co., Ltd
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
   Small Signal MOSFET 380 mAmps, 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com