Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5661MN33T2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV5661MN33T2G
Description  Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5661MN33T2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV5661MN33T2G Datasheet HTML 3Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 4Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 5Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 6Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 7Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 8Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 9Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 10Page - ON Semiconductor NCV5661MN33T2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP5661, NCV5661
http://onsemi.com
7
20
16
10
2
0
Figure 9. Output Current vs. Input−Output
Voltage Differential
Figure 10. Ripple Rejection vs. Frequency
100
90
80
70
60
50
40
30
20
10
0
Vin = 3.3 V
Vout = 0.9 V
Iout = 10 mA
Cin = 150 mF
Cout = 150 mF
TJ = 25C
F, FREQUENCY (kHz)
Start: 100 Hz
Stop: 100 kHz
100
90
80
70
60
50
40
30
20
10
0
Vin = 3.3 V
Vout = 0.9 V
Iout = 1.0 A
Cin = 150 mF
Cout = 150 mF
TJ = 25C
F, FREQUENCY (kHz)
Start: 100 Hz
Stop: 100 kHz
Figure 11. Noise Density vs. Frequency
INPUT−OUTPUT VOLTAGE DIFFERENTIAL (V)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
TA = 25C
L = 25 mm Copper
Figure 12. Noise Density vs. Frequency
1000
100
10
1
0
F, FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
0
Vin = 4.0 V
Vout = 0.9 V
Cin = 0 mF
Cout = 1.0 mF
TJ = 25C
Iout = 10 mA
Iout = 1.0 A
14
12
46
8
1000
100
10
1.0
0.10
0.01
Unstable
OUTPUT CURRENT (mA)
100
1000
Figure 13. 1.2 Volt Output Stability with Output
Capacitor ESR
Figure 14. 3.3 Volt Output Stability with Output
Capacitor ESR
0
200 300 400 500 600 700 800 900
150 mF
Stable
10 mF
100 mF
1000
100
10
1.0
0.10
0.01
Unstable
OUTPUT CURRENT (mA)
100
1000
0
200 300 400 500 600 700 800 900
Stable
150 mF
10 mF
100 mF


Similar Part No. - NCV5661MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5661MN33T2G ONSEMI-NCV5661MN33T2G Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
More results

Similar Description - NCV5661MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com