Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5661MN28T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV5661MN28T2G
Description  Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5661MN28T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV5661MN28T2G Datasheet HTML 1Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 2Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 3Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 4Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 5Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 6Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 7Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 8Page - ON Semiconductor NCV5661MN28T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 17
1
Publication Order Number:
NCP5661/D
NCP5661, NCV5661
Low Output Voltage,
Ultra-Fast 1.0 A Low Dropout
Linear Regulator with Enable
The NCP5661/NCV5661 is a high performance, low dropout linear
regulator designed for high power applications that require up to 1.0 A
current. It is offered in both fixed and adjustable output versions. With
output voltages as low as 0.9 V and ultra−fast response times for load
transients, the NCP5661/NCV5661 also provides additional features
such as Enable and Error Flag (for the fixed output version),
increasing the utility of these devices. A thermally robust, 5 pin DPAK
or DFN 3x3.3 mm, combined with an architecture that offers low
ground current (independent of load), provides for a superior
high−current LDO solution.
Features
Ultra−Fast Transient Response (Settling Time: 1−3 ms)
Low Noise Without Bypass Capacitor (26 mVrms)
Low Ground Current Independent of Load (3.0 mA Maximum)
Fixed/Adjustable Output Voltage Versions
Enable Function
Error Flag (Fixed Output Version)
Current Limit Protection
Thermal Protection
0.9 V Reference Voltage for Ultra−Low Output Operation
Power Supply Rejection Ratio > 65 dB
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Servers
ASIC Power Supplies
Post Regulation for Power Supplies
Constant Current Source
Networking Equipment
Gaming and STB Modules
DPAK−5 CENTER
LEAD CROP
CASE 175AA
1
5
MARKING
DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
5661xG
ALYWW
x
= A for Adjustable Version
B for Fixed 1.2 V
C for Fixed 3.3 V
D for Fixed 1.5 V
E for Fixed 1.8 V
F for Fixed 2.5 V
G for Fixed 2.8 V
H for Fixed 3.0 V
1
DFN6
MN SUFFIX
CASE 506AX
661x
AYWWG
G
1
V5661xG
ALYWW
V661
zzz
AYWWG
G
1
NCP5661
NCV5661
NCP5661
NCV5661
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free
G
= Pb−Free Package
zzz = 12 for Fixed 1.2 V
15 for Fixed 1.5 V
18 for Fixed 1.8 V
25 for Fixed 2.5 V
28 for Fixed 2.8 V
30 for Fixed 3.0 V
33 for Fixed 3.3 V
ADJ for Adjustable Version
(Note: Microdot may be in either location)


Similar Part No. - NCV5661MN28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5661MN28T2G ONSEMI-NCV5661MN28T2G Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
More results

Similar Description - NCV5661MN28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com