Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCT72CMNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCT72CMNR2G
Description  Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT72CMNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCT72CMNR2G Datasheet HTML 4Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 5Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 6Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 7Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 8Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 9Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 10Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 11Page - ON Semiconductor NCT72CMNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCT72
http://onsemi.com
8
Figure 14. Input Signal Conditioning
LOW-PASS FILTER
fC = 65 kHz
REMOTE
SENSING
TRANSISTOR
BIAS
DIODE
D+
D−
VDD
IBIAS
I
N1  I
VOUT+
VOUT−
To ADC
N2  I
C1*
*CAPACITOR C1 IS OPTIONAL. IT IS ONLY NECESSARY IN NOISY ENVIRONMENTS. C1 = 1,000 pF MAX.
Temperature Measurement Results
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and compared with limits programmed into
the local and remote high and low limit registers.
The local temperature value is in Register 0x00 and has a
resolution of 1C. The external temperature value is stored
in two registers, with the upper byte in Register 0x01 and the
lower byte in Register 0x10. Only the two MSBs in the
external temperature low byte are used giving the external
temperature measurement a resolution of 0.25C. Table 6
lists the data format for the external temperature low byte.
Table 6. EXTENDED TEMPERATURE RESOLUTION
(REMOTE TEMPERATURE LOW BYTE)
Extended Resolution
Remote Temperature
Low Byte
0.00C
0 000 0000
0.25C
0 100 0000
0.50C
1 000 0000
0.75C
1 100 0000
When reading the full external temperature value, read the
LSB first. This causes the MSB to be locked (that is, the
ADC does not write to it) until it is read. This feature ensures
that the results read back from the two registers come from
the same measurement.
Temperature Measurement Range
The temperature measurement range for both internal and
external measurements is, by default, 0C to +127C.
However, the NCT72 can be operated using an extended
temperature range. The extended measurement range is
−64C to +191C. Therefore, the NCT72 can be used to
measure the full temperature range of an external diode,
from −55C to +150C.
The extended temperature range is selected by setting
Bit 2 of the configuration register to 1. The temperature
range is 0C to 127C when Bit 2 equals 0. A valid result is
available in the next measurement cycle after changing the
temperature range.
In extended temperature mode, the upper and lower
temperature that can be measured by the NCT72 is limited
by the remote diode selection. The temperature registers can
have values from −64C to +191C. However, most
temperature sensing diodes have a maximum temperature
range of −55C to +150C. Above +150C, they may lose
their semiconductor characteristics and approximate
conductors instead. This results in a diode short. In this case,
a read of the temperature result register gives the last good
temperature measurement. Therefore, the temperature
measurement on the external channel may not be accurate
for temperatures that are outside the operating range of the
remote sensor.
It should be noted that although both local and remote
temperature measurements can be made while the part is in
extended temperature mode, the NCT72 itself should not be
exposed to temperatures greater than those specified in the
absolute maximum ratings section. Further, the device is
only guaranteed to operate as specified at ambient
temperatures from −40C to +120C.
Temperature Data Format
The NCT72 has two temperature data formats. When the
temperature measurement range is from 0C to 127C
(default), the temperature data format for both internal and
external temperature results is binary. When the
measurement range is in extended mode, an offset binary
data format is used for both internal and external results.
Temperature values are offset by 64C in the offset binary
data format. Examples of temperatures in both data formats
are shown in Table 7.


Similar Part No. - NCT72CMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT72CMNR2G ONSEMI-NCT72CMNR2G Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72CMNR2G ONSEMI-NCT72CMNR2G Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results

Similar Description - NCT72CMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com