Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1252CDR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1252CDR2G
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252CDR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1252CDR2G Datasheet HTML 6Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 7Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 8Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 9Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 10Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 11Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 12Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 13Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP1252
http://onsemi.com
10
Application Information
Introduction
The NCP1252 hosts a high−performance current−mode
controller specifically developed to drive power supplies
designed for the ATX and the adapter market:
Current Mode operation: implementing peak
current−mode control topology, the circuit offers
UC384X−like features to build rugged power supplies.
Adjustable switching frequency: a resistor to ground
precisely sets the switching frequency between 50 kHz
and a maximum of 500 kHz. There is no
synchronization capability.
Internal frequency jittering: Frequency jittering
softens the EMI signature by spreading out peak energy
within a band
±5% from the center frequency.
Wide Vcc excursion: the controller allows operation
up to 28 V continuously and accepts transient voltage
up to 30 V during 10 ms with IVCC < 20 mA
Gate drive clamping: a lot of power MOSFETs do not
allow their driving voltage to exceed 20 V. The
controller includes a low−loss clamping voltage which
prevents the gate from going beyond 15 V typical.
Low startup−current: reaching a low no−load standby
power represents a difficult exercise when the
controller requires an external, lossy, resistor connected
to the bulk capacitor. The start−up current is guaranteed
to be less than 100
mA maximum, helping the designer
to reach a low standby power level.
Short−circuit protection: by monitoring the CS pin
voltage when it exceeds 1 V (maximum peak current),
the controller detects a fault and starts an internal
digital timer. On the condition that the digital timer
elapses, the controller will permanently latch−off. This
allows accurate overload or short−circuit detection
which is not dependant on the auxiliary winding. Reset
occurs when: a) a BO reset is sensed, b) VCC is cycled
down to VCC(min) level. If the short circuit or the fault
disappear before the fault timer ends, the fault timer is
reset only if the CS pin voltage level is below 1 V at
least during 3 switching frequency periods. This delay
before resetting the fault timer prevents any false or
missing fault or over load detection.
Adjustable soft−start: the soft−start is activated upon
a start−up sequence (VCC going−up and crossing
VCC(on)) after a minimum internal time delay of 120 ms
(SSdelay). But also when the brown−out pin is reset
without in that case timer delay. This internal time
delay gives extra time to the PFC to be sure that the
output PFC voltage is in regulation. The soft start pin is
grounded until the internal delay is ended.
Shutdown: if an external transistor brings the BO pin
down, the controller is shut down, but all internal
biasing circuits are alive. When the pin is released, a
new soft−start sequence takes place.
Brown−Out protection: BO pin permanently monitors
a fraction of the input voltage. When this image is
below the VBO threshold, the circuit stays off and does
not switch. As soon the voltage image comes back
within safe limits, the pulses are re−started via a
start−up sequence including soft−start. The hysteresis is
implemented via a current source connected to the BO
pin; this current source sinks a current (IBO) from the
pin to the ground. As the current source status depends
on the brown−out comparator, it can easily be used for
hysteresis purposes. A transistor pulling down the BO
pin to ground will shut−off the controller. Upon release,
a new soft−start sequence takes place.
Internal ramp compensation: a simple resistor
connected from the CS pin to the sense resistor allows
the designer to inject ramp compensation inside his
design.
Skip cycle feature: When the power supply loads are
decreasing to a low level, the duty cycle also decreases
to the minimum value the controller can offer. If the
output loads disappear, the converter runs at the
minimum duty cycle fixed by the propagation delay and
driving blocks. It often delivers too much energy to the
secondary side and it trips the voltage supervisor. To
avoid this problem, the FB is allowed to impose the min
tON down to ~ Vf and it further decreases down to
Vskip, zero duty cycle is imposed. This mode helps to
ensure no−load outputs conditions as requested by
recently updated ATX specifications. Please note that
the converter first goes to min tON before going to zero
duty cycle: normal operation is thus not disturbed. The
following figure illustrates the different mode of
operation versus the FB pin level.


Similar Part No. - NCP1252CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com