Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1216AP100G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1216AP100G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AP100G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1216AP100G Datasheet HTML 1Page - ON Semiconductor NCP1216AP100G Datasheet HTML 2Page - ON Semiconductor NCP1216AP100G Datasheet HTML 3Page - ON Semiconductor NCP1216AP100G Datasheet HTML 4Page - ON Semiconductor NCP1216AP100G Datasheet HTML 5Page - ON Semiconductor NCP1216AP100G Datasheet HTML 6Page - ON Semiconductor NCP1216AP100G Datasheet HTML 7Page - ON Semiconductor NCP1216AP100G Datasheet HTML 8Page - ON Semiconductor NCP1216AP100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2010
December, 2010 − Rev. 13
1
Publication Order Number:
NCP1216/D
NCP1216, NCP1216A
PWM Current-Mode
Controller for High-Power
Universal Off-Line Supplies
Housed in a SOIC−8 or PDIP−7 package, the NCP1216 represents
an enhanced version of NCP1200 based controllers. Due to its high
drive capability, NCP1216 drives large gate−charge MOSFETs, which
together with internal ramp compensation and built−in frequency
jittering, ease the design of modern AC−DC adapters.
With an internal structure operating at different fixed frequencies,
the controller supplies itself from the high−voltage rail, avoiding the
need of an auxiliary winding. This feature naturally eases the designer
task in some particular applications, e.g. battery chargers or TV sets.
Current−mode control also provides an excellent input audio
susceptibility and inherent pulse−by−pulse control. Internal ramp
compensation easily prevents sub−harmonic oscillations from taking
place in continuous conduction mode designs.
When the current setpoint falls below a given value, e.g. the output
power demand diminishes, the IC automatically enters the so−called
skip cycle mode and provides excellent efficiency at light loads.
Because this occurs at a user adjustable low peak current, no acoustic
noise takes place.
The NCP1216 features an efficient protective circuitry, which in
presence of an over current condition disables the output pulses while
the device enters a safe burst mode, trying to restart. Once the default
has gone, the device auto−recovers.
Features
No Auxiliary Winding Operation
Current−Mode Control with Adjustable Skip−Cycle Capability
Internal Ramp Compensation
Limited Duty Cycle to 50% (NCP1216A Only)
Internal 1.0 ms Soft−Start (NCP1216A Only)
Built−In Frequency Jittering for Better EMI Signature
Auto−Recovery Internal Output Short−Circuit Protection
Extremely Low No−Load Standby Power
500 mA Peak Current Capability
Fixed Frequency Versions at 65 kHz, 100 kHz, 133 kHz
Internal Temperature Shutdown
Direct Optocoupler Connection
SPICE Models Available for TRANsient and AC Analysis
Pin−to−Pin Compatible with NCP1200 Series
These are Pb−Free and Halide−Free Devices
Typical Applications
High Power AC−DC Converters for TVs, Set−Top Boxes, etc.
Offline Adapters for Notebooks
Telecom DC−DC Converters
All Power Supplies
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
PDIP−7
P SUFFIX
CASE 626B
P1216XXXX
AWL
YYWWG
1
XXXX
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
PIN CONNECTIONS
1
Adj
8 HV
2
FB
3
CS
4
Gnd
7 NC
6 VCC
5 Drv
See detailed ordering and shipping information in the ordering
information section on page 16 of this data sheet.
ORDERING INFORMATION
See detailed device marking information in the ordering
information section on page 16 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
16XXX
ALYW
1
8
1
8
G


Similar Part No. - NCP1216AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com