Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP584HSN30T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP584HSN30T1G
Description  Tri-Mode 200 mA CMOS LDO Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP584HSN30T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP584HSN30T1G Datasheet HTML 1Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 2Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 3Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 4Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 5Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 6Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 7Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 8Page - ON Semiconductor NCP584HSN30T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP584
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Output Current
Figure 4. Output Voltage vs. Output Current
0
100
300
OUTPUT CURRENT Iout (mA)
400
Vout = Vout nominal
ECO = H
Vin = Vout nominal +2.0 V
200
0
100
300
OUTPUT CURRENT Iout (mA)
400
200
Vin = Vout nominal + VDO (max)
Vout = Vout nominal
ECO = L
Vin = Vout nominal +2.0 V
Vin = Vout nominal + VDO (max)
Figure 5. Output Voltage vs. Input Voltage
Figure 6. Output Voltage vs. Input Voltage
0.8
0.1
2.1
3.1
4.1
INPUT VOLTAGE Vin (V)
Iout = 1.0 mA
5.1
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Iout = 30 mA
Iout = 50 mA
6.1
Vout = 0.9 V
ECO = H
1.1
1.0
0.9
1.1
0.8
0.1
2.1
3.1
4.1
INPUT VOLTAGE Vin (V)
Iout = 1.0 mA
5.1
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Iout = 30 mA
Iout = 50 mA
6.1
Vout = 0.9 V
ECO = L
1.1
1.0
0.9
1.1
1.9
0.3
2.3
3.3
4.3
INPUT VOLTAGE Vin (V)
Iout = 1.0 mA
5.3
1.5
1.3
1.1
0.9
0.7
0.5
0.3
Iout = 30 mA
Iout = 50 mA
6.3
Vout = 1.8 V
ECO = L
1.3
1.7
Figure 7. Output Voltage vs. Input Voltage
Figure 8. Output Voltage vs. Input Voltage
1.9
0.3
2.3
3.3
4.3
INPUT VOLTAGE Vin (V)
Iout = 1.0 mA
5.3
1.5
1.3
1.1
0.9
0.7
0.5
0.3
Iout = 30 mA
Iout = 50 mA
6.3
Vout = 1.8 V
ECO = H
1.3
1.7
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
0.9


Similar Part No. - NCP584HSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN31T1G ONSEMI-NCP584HSN31T1G Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
More results

Similar Description - NCP584HSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com