Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1100S Datasheet(PDF) 2 Page - Littelfuse

Part # K1100S
Description  High-voltage lamp ignitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K1100S Datasheet(HTML) 2 Page - Littelfuse

  K1100S Datasheet HTML 1Page - Littelfuse K1100S Datasheet HTML 2Page - Littelfuse K1100S Datasheet HTML 3Page - Littelfuse K1100S Datasheet HTML 4Page - Littelfuse K1100S Datasheet HTML 5Page - Littelfuse K1100S Datasheet HTML 6Page - Littelfuse K1100S Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.littelfuse.com
E9 - 2
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Sidac
Data Sheets
Specific Test Conditions
di/dt — Critical rate-of-rise of on-state current
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM;
TJ ≤ 100 °C
dVq/dt — Critical rate-of-rise of turn-off voltage at 8 kHz
IBO — Breakover current 50/60 Hz sine wave
IDRM — Repetitive peak off-state current 50/60 Hz sine wave; V = VDRM
IH — Dynamic holding current 50/60 Hz sine wave; R = 100 Ω
IT(RMS) — On-state RMS current TJ ≤ 125 °C 50/60 Hz sine wave
ITSM — Peak one-cycle surge current 50/60 Hz sine wave (non-
repetitive)
RS — Switching resistance
50/60 Hz sine wave
VBO — Breakover voltage 50/60 Hz sine wave
VDRM — Repetitive peak off-state voltage
VTM — Peak on-state voltage; IT = 1 A
General Notes
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless otherwise specified.
Storage temperature range (TS) is -65 °C to +150 °C.
The case (TC) or lead (TL) temperature is measured as shown on
the dimensional outline drawings in the “Package Dimensions” sec-
tion of this catalog.
Junction temperature range (TJ) is -40 °C to +125 °C.
Lead solder temperature is a maximum of +230 °C for 10 s maxi-
mum;
≥1/16" (1.59 mm) from case.
Electrical Specification Notes
(1) See Figure E9.5 for VBO change versus junction temperature.
(2) See Figure E9.6 for IBO versus junction temperature.
(3) See Figure E9.2 for IH versus case temperature.
(4) See Figure E9.13 for test circuit.
(5) See Figure E9.1 for more than one full cycle rating.
(6) TC ≤ 90 °C for TO-92 Sidac
TC ≤ 105 °C for TO-202 Sidacs
TL ≤ 100 °C for DO-15X
TL ≤ 90 °C for DO-214
(7) See Figure E9.14 for clarification of sidac operation.
(8) For best sidac operation, the load impedance should be near or
less than switching resistance.
(9) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(10) Do not use electrically connected mounting tab or center lead.
(11) The K2401F1 sidac is designed to ensure good commutation at
higher switching frequencies, as required in ignitor circuits for high
intensity discharge (HID) lighting. A typical circuit for a metal halide
lamp ignitor is shown in Figure E9.17. With proper component
selection this circuit will produce three pulses for ignition of Osram
lamp types such as HQI-T70W, HQI-T150W, and HQI-T250W which
require a minimum of three pulses at 4 kV magnitude and >1 µs
duration each at a minimum repetition rate of 3.3 kHz.
V-I Characteristics
Type
Part No.
IT(RMS)
VDRM
VBO
IDRM
IBO
IH
TO-92
DO-15X
(10)
TO-202
DO-214
(6) (7) (8)
Amps
Volts
(1)
Volts
µAmps
(2)
µAmps
(3) (4)
mAmps
See “Package Dimensions” section for variations. (9)
MAX
MIN
MIN
MAX
MAX
MAX
TYP
MAX
K0900E70
K0900G
K0900S
1
±70
79
97
5
10
60
150
K1050E70
K1050G
K1050S
1
±90
95
113
5
10
60
150
K1100E70
K1100G
K1100S
1
±90
104
118
5
10
60
150
K1200E70
K1200G
K1200S
1
±90
110
125
5
10
60
150
K1300E70
K1300G
K1300S
1
±90
120
138
5
10
60
150
K1400E70
K1400G
K1400S
1
±90
130
146
5
10
60
150
K1500E70
K1500G
K1500S
1
±90
140
170
5
10
60
150
K2000E70
K2000G
K2000F1
K2000S
1
±180
190
215
5
10
60
150
K2200E70
K2200G
K2200F1
K2200S
1
±180
205
230
5
10
60
150
K2400E70
K2400G
K2400F1
K2400S
1
±190
220
250
5
10
60
150
K2401F1
(11)
±190
220
250
5
10
60
150
K2500E70
K2500G
K2500F1
K2500S
1
±200
240
280
5
10
60
150
K3000F1
1
±200
270
330
5
10
60
150
Pin 1
Pin 2
Do not use
Pin 3
Do
not
use
tab
RS
VBO VS
()
IS IBO
()
--------------------------------
=
-V
+I
VDRM
+V
VS
IS
IH
RS
IDRM
IBO
VBO
VT
IT
(IS - IBO)
(VBO - VS)
RS =
-I


Similar Part No. - K1100S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1100S TECCOR-K1100S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1100S TECCOR-K1100S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1100S1URP LITTELFUSE-K1100S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K1100S70AP LITTELFUSE-K1100S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1100S70RP LITTELFUSE-K1100S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K1100S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K0900 LEIDITECH-K0900 Datasheet
644Kb / 6P
   High voltage lamp ignitors
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com