Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1356ET5TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1356ET5TA
Description  60V 550mA LED DRIVER and AUTOMOTIVE GRADE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356ET5TA Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1356ET5TA Datasheet HTML 2Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 3Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 4Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 5Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 6Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 7Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 8Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 9Page - Diodes Incorporated ZXLD1356ET5TA Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ZXLD1356/ ZXLD1356Q
Document number: DS33470 Rev. 4 - 2
6 of 29
www.diodes.com
October 2012
© Diodes Incorporated
ZXLD1356/ ZXLD1356Q
A Product Line of
Diodes Incorporated
Device Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a self-oscillating continuous-mode buck converter.
Device operation (refer to Figure 1 - Block diagram and Figure 2 operating waveforms)
0V
VIN
200mV
230mV
0V
SENSE voltage
VSENSE+
VSENSE-
Toff
Ton
170mV
0V
5V
VIN
0.15VADJ
0.15VADJ
IOUTnom
IOUTnom +15%
IOUTnom -15%
VADJ
LX voltage
Coil current
Comparator
input voltage
Comparator
output
Figure 2. Theoretical Operating Waveforms
Operation can be best understood by assuming that the ADJ pin of the device is unconnected and the voltage on this pin (VADJ) appears directly
at the (+) input of the comparator.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no output from the current sense circuit. Under this
condition, the (-) input to the comparator is at ground and its output is high. This turns MN on and switches the LX pin low, causing current to flow
from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined by VIN and L1 to produce a voltage ramp (VSENSE) across
RS. The supply referred voltage VSENSE is forced across internal resistor R1 by the current sense circuit and produces a proportional current in
internal resistors R2 and R3. This produces a ground referred rising voltage at the (-) input of the comparator. When this reaches the threshold
voltage (VADJ), the comparator output switches low and MN turns off. The comparator output also drives another NMOS switch, which bypasses
internal resistor R3 to provide a controlled amount of hysteresis. The hysteresis is set by R3 to be nominally 15% of VADJ.
When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to VIN. The current decays at a rate determined by the LED(s)
and diode forward voltages to produce a falling voltage at the input of the comparator. When this voltage returns to VADJ, the comparator output
switches high again. This cycle of events repeats, with the comparator input ramping between limits of VADJ ± 15%.
Switching Thresholds
With VADJ = VREF, the ratios of R1, R2 and R3 define an average VSENSE switching threshold of 200mV (measured on the ISENSE pin with respect
to VIN). The average output current IOUTnom is then defined by this voltage and RS according to:
IOUTnom = 200mV/RS
Nominal ripple current is ±30mV/RS


Similar Part No. - ZXLD1356ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
   High accuracy 550mA, 60V LED driver with internal switch
ZXLD1356 DIODES-ZXLD1356 Datasheet
529Kb / 29P
   60V 550mA LED DRIVER with AEC-Q100
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
   AUTOMOTIVE GRADE 60V 550mA LED DRIVER
ZXLD1356QDACTC DIODES-ZXLD1356QDACTC Datasheet
1Mb / 28P
   AUTOMOTIVE GRADE 60V 550mA LED DRIVER
ZXLD1356QET5TA DIODES-ZXLD1356QET5TA Datasheet
1Mb / 28P
   AUTOMOTIVE GRADE 60V 550mA LED DRIVER
More results

Similar Description - ZXLD1356ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
   AUTOMOTIVE GRADE 60V 550mA LED DRIVER
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
   60V 550mA LED DRIVER with AEC-Q100
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
   High accuracy 550mA, 60V LED driver with internal switch
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
   AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
   AUTOMOTIVE GRADE 30V 1A LED DRIVER
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
   AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
   60V Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com