Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN3310F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVN3310F
Description  SOT23 P-CHANNEL ENHANCEMENT SOT23 P-CHANNEL ENHANCEMENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN3310F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVN3310F Datasheet HTML 1Page - Diodes Incorporated ZVN3310F Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 P-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 3 – OCTOBER 1995
7
FEATURES
* 100 Volt VDS
*RDS(on)=20Ω
COMPLEMENTARY TYPE -
ZVN3310F
PARTMARKING DETAIL -
MR
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
-100
V
Continuous Drain Current at Tamb=25°C
ID
75
mA
Pulsed Drain Current
IDM
-1.2
A
Gate Source Voltage
VGS
±
20
V
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. MAX. UNIT CONDITIONS.
Drain-Source Breakdown
Voltage
BVDSS
-100
V
ID=-1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
-1.5
-3.5
V
ID=-1mA, VDS= VGS
Gate-Body Leakage
IGSS
-20
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
-1
-50
µ
A
µ
A
VDS=-100V, VGS=0
VDS=-80V, VGS=0V, T=125°C(2)
On-State Drain Current(1)
ID(on)
-300
mA
VDS=-25 V, VGS=-10V
Static Drain-Source On-State
Resistance (1)
RDS(on)
20
VGS=-10V, ID=-150mA
Forward Transconductance
(1)(2)
gfs
50
mS
VDS=-25V, ID=-150mA
Input Capacitance (2)
Ciss
50
pF
Common Source Output
Capacitance (2)
Coss
15
pF
VDS=-25V, VGS=0V, f=1MHz
Reverse Transfer
Capacitance (2)
Crss
5pF
Turn-On Delay Time (2)(3)
td(on)
8ns
VDD≈-25V, ID=-150mA
Rise Time (2)(3)
tr
8ns
Turn-Off Delay Time (2)(3)
td(off)
8ns
Fall Time (2)(3)
tf
8ns
(1) Measured under pulsed conditions. Width=300µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50Ω source impedance and <5ns rise time on a pulse generator
ZVP3310F
D
G
S
TYPICAL CHARACTERISTICS
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
0
-10
-6
-2
-4
-8
0-2
-4
-6
-8
-10
ID=
-0.3A
-0.15A
-0.075A
-2
-4
-6
-8
-10
Saturation Characteristics
0
VDS - Drain Source Voltage (Volts)
-5V
-4V
-0.6
-0.4
-0.2
-10V
-8V
-6V
-9V
-7V
VGS=
-20V
-12V
-16V
-14V
Normalised RDS(on) and VGS(th) v Temperature
Tj-Junction Temperature (°C)
-40 -20 0 20 40 60 80
120
100
140 160
ID= -150mA
VGS= -10V
ID= -1mA
VGS= VDS
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
2.6
180
Transconductance v drain current
ID- Drain Current (Amps)
BI
0
-0.1
-0.2
-0.3 -0.4 -0.5
-0.6
-0.7
-0.8
0
VDS= -10V
30
20
10
40
80
70
60
50
90
100
0
-0.1
-0.2
-0.3 -0.4 -0.5
-0.6
-0.7
-0.8
0
VDS= -10V
30
20
10
40
80
70
60
50
90
100
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Coss
Ciss
Crss
0
-20
-40
-60
-80
VGS= 0V
f
=1MHz
0
30
20
10
40
50
0
Q-Charge (nC)
/
5
Gate charge v gate-source voltage
-6
-8
-10
-14
-16
-12
-4
-2
0
VDS=
-25V
ID= -
0.2A
-50V -100V
0.2
0.4
0.6
0.8
1.0
1.2
ZVP3310F
3 - 436
3 - 437


Similar Part No. - ZVN3310F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN3310F ZETEX-ZVN3310F Datasheet
78Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN3310F DIODES-ZVN3310F Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310FTA DIODES-ZVN3310FTA Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZVN3310FTA VBSEMI-ZVN3310FTA Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Diodes Incorporated
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVN3310F

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
ZXMP3F30FH ZPSEMI-ZXMP3F30FH Datasheet
301Kb / 3P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3F30FH ZETEX-ZXMP3F30FH Datasheet
229Kb / 8P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3F30FH DIODES-ZXMP3F30FH Datasheet
208Kb / 8P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP3306F DIODES-ZVP3306F Datasheet
120Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BS250F DIODES-BS250F_15 Datasheet
86Kb / 3P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS84TA DIODES-BSS84TA Datasheet
60Kb / 1P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306FTA DIODES-ZVP3306FTA Datasheet
120Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F DIODES-ZVP3306F_15 Datasheet
120Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3310F DIODES-ZVP3310F_15 Datasheet
123Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BS250FTA DIODES-BS250FTA Datasheet
86Kb / 3P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com